Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4160 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4160
Description  TVS devices for power line communication applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4160 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4160 Datasheet HTML 2Page - STMicroelectronics AN4160 Datasheet HTML 3Page - STMicroelectronics AN4160 Datasheet HTML 4Page - STMicroelectronics AN4160 Datasheet HTML 5Page - STMicroelectronics AN4160 Datasheet HTML 6Page - STMicroelectronics AN4160 Datasheet HTML 7Page - STMicroelectronics AN4160 Datasheet HTML 8Page - STMicroelectronics AN4160 Datasheet HTML 9Page - STMicroelectronics AN4160 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Surge tests
AN4160
6/14
DocID023640 Rev 2
Figure 6. IEC61000-4-5 surge application to EUT
3
Surge tests
3.1
Test setup
The setup described below and used for the tests reported in this document is in
accordance with EN50065-2-3.
The equipment under test (one EVALKITST7580-1 as EUT, receiving PLC frames) and a
corresponding device (another EVALKITST7580-1 as stimulus, transmitting PLC frames)
are used to establish that, after applying the surge test, communication between the two
devices is still possible.
The boards are supplied via two separated Isolation Transformers (IT) plus two Line
Impedance Stabilization Networks (LISN) named A and B. LISNs are built according to
EN50065-1 specifications. Measurement ports of the LISNs are terminated in 50 to
maintain the network characteristics.
Two 660 µH inductors are connected between each of the two conductors of the LISN
output, used to provide a controlled signal coupling between the EUT and the stimulus.
The surge generator is connected in parallel with the EUT through the appropriate
Coupling / Decoupling Network (CDN).
Figure 7. Test setup block diagram
Rs = 2
Ω
Rs = 2
Ω
Re = 10
Ω
Neutral
Neutral
EUR
EUR
Line
Line
Earth
Earth
IT
ST7580
Tx
ST7580
Rx
LISN A
LISN B
IT
IT
IT
1.2/50µs surge
generator
2x660µH
Choke
EUT
STIMULUS
CDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com