Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4160
Description  TVS devices for power line communication applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4160 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4160 Datasheet HTML 1Page - STMicroelectronics AN4160 Datasheet HTML 2Page - STMicroelectronics AN4160 Datasheet HTML 3Page - STMicroelectronics AN4160 Datasheet HTML 4Page - STMicroelectronics AN4160 Datasheet HTML 5Page - STMicroelectronics AN4160 Datasheet HTML 6Page - STMicroelectronics AN4160 Datasheet HTML 7Page - STMicroelectronics AN4160 Datasheet HTML 8Page - STMicroelectronics AN4160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June 2014
DocID023640 Rev 2
1/14
AN4160
Application note
TVS devices for power line communication applications
Introduction
All communication applications are bound to comply with electro-magnetic compatibility
(EMC) standards, whose requirements depend on the application environment.
This Application Note aims at explaining how to use transient voltage suppressor (TVS)
devices to protect power line communication (PLC) circuits against electrical over-Stress
(EOS) and specifically against surge events as defined by IEC 61000-4-5 and EN50065-2-3
international standards.
Even though 4 kV test level is required as maximum withstand level by the aforementioned
application standards, for this Application Note a PLC circuit has been tested against 6 kV
surges; this higher level is often required by customers for higher confidence or specific
applications. Tests performed and results will be presented, focusing in the end on an
optimized PLC protection solution.
Application description
Power line communication can be used in various applications such as smart metering,
home automation, street lighting, solar inverters and so on.
In all cases, the PLC circuit will be coupled to a power line (AC or DC) with high probability
of high-energy transients, potentially causing EOS events that could damage the
application.
The application conditions described above create the need for specific protection devices
to be included in the power line coupling circuit.
Tests on adequate protection devices have been performed using the ST demonstration kit
EVALKITST7580-1. Built around the ST7580 power line networking system-on-chip, this
demonstration kit embeds all the functions required for a “turn-key” power line
communication network: the PLC node based on the ST7580, the AC power supply (based
on the ALTAIR4-900 chip) and the STM32 microcontroller, to either control the system as a
standalone application or to connect the EVALKITST7580-1 to an external host.
For all EVALKITST7580-1 documentation, including Application Note, schematics, and PCB
layout, please go to ST PLC products webpage or EVALKITST7580-1 webpage.
www.st.com


Similar Part No. - AN4160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
This application note describes the demonstration board EVL4984-350W
20-Jun-2013
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
08-Feb-2013
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
18-Feb-2013
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
PCB design guidelines for the SPIRIT1 transceiver
18-Oct-2012
More results

Similar Description - AN4160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84131-PLC EPCOS-B84131-PLC Datasheet
121Kb / 4P
Customer-Specific Filters for Power Line Communication
logo
Intersil Corporation
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
Power Line Communication PLC
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
Power Line Communication Modem
August, 2015 ??Rev. P3
logo
STMicroelectronics
STEVAL-IHP007V1 STMICROELECTRONICS-STEVAL-IHP007V1 Datasheet
539Kb / 8P
Power line communication module for street lighting
September 2016 Rev 4
STEVAL-IPP001V2 STMICROELECTRONICS-STEVAL-IPP001V2 Datasheet
517Kb / 16P
Complete solution for power line communication in metering applications
20-Oct-2011
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
Power Line Communication Modem
January, 2017 ??Rev. 4
logo
Microchip Technology
ATPL360 MICROCHIP-ATPL360 Datasheet
297Kb / 2P
Multi-Protocol Modem for Power Line Communication
8/17
logo
Renesas Technology Corp
ISL1572 RENESAS-ISL1572 Datasheet
181Kb / 2P
Power Line Communication (PLC)
ISL1571 RENESAS-ISL1571 Datasheet
624Kb / 14P
Power Line Communication (PLC)
Nov.7.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com