Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4160 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4160
Description  TVS devices for power line communication applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4160 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4160 Datasheet HTML 4Page - STMicroelectronics AN4160 Datasheet HTML 5Page - STMicroelectronics AN4160 Datasheet HTML 6Page - STMicroelectronics AN4160 Datasheet HTML 7Page - STMicroelectronics AN4160 Datasheet HTML 8Page - STMicroelectronics AN4160 Datasheet HTML 9Page - STMicroelectronics AN4160 Datasheet HTML 10Page - STMicroelectronics AN4160 Datasheet HTML 11Page - STMicroelectronics AN4160 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Surge tests
AN4160
8/14
DocID023640 Rev 2
3.3
Test results
Tests results given in this chapter should be understood as follows:
The results, listed by TVS type used and surge level applied, are reported in the following
table.
Based on EN50065-2-3 requirement, it appears that all tested products can protect the PLM
circuitry.
Note that all primary side and receiver side TVS have been chosen to provide the same
actual clamp voltage as in the original EVALKITST7580-1 configuration. This is evident by
comparing the datasheet values.
The following oscilloscope screenshots show a comparison of residual disturbance level
and duration on the two most sensitive points of the PLC coupling circuit, i.e. the transmitted
signal output (PA_OUT) and the received signal input (RX_IN), using both original TVS and
alternative TVS part numbers.
The measurements prove that all the TVS types give equivalent protection to the PLC
device.
Table 3. Surge test result definition
Results
Details
OK
The EUT is still operating and able to communicate after the surge
test, as required by EN50065-2-x.
KO
The EUT is NOT operating and/or able to communicate after the
surge test.
Table 4. Surge test report
TVS
Test results
Primary side
Receiver side
±4 kV level
±6 kV level
SM6T15CA(1)
1.
EVALKITST7580-1 original configuration
SM6T6V8CA(1)
OK
OK
SMA6J13CA
SMAJ5.0CA
OK
OK
SMAJ13CA
SMAJ5.0CA
OK
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com