Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4407 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4407 Datasheet HTML 6Page - STMicroelectronics AN4407 Datasheet HTML 7Page - STMicroelectronics AN4407 Datasheet HTML 8Page - STMicroelectronics AN4407 Datasheet HTML 9Page - STMicroelectronics AN4407 Datasheet HTML 10Page - STMicroelectronics AN4407 Datasheet HTML 11Page - STMicroelectronics AN4407 Datasheet HTML 12Page - STMicroelectronics AN4407 Datasheet HTML 13Page - STMicroelectronics AN4407 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Description
AN4407
10/19
DocID025572 Rev 1
In others words, for a fixed value of Ld, (when di/dt is constant), the delay time is more and
more evident when the output power increases and the switching current level also
increases (Figure 12).
Figure 12. Relationship between stray inductance parasitic effect and current
switching duration
This theoretical situation is confirmed by experimental data during the switching instants for
both turn-off and turn-on.
1.2.1
Turn-off
If we refer to Figure 13, which shows a turn-off at high power levels, when the driver forces
VGG=0, the MOSFET is forced to turn off, but the negative extra-voltage generated over the
stray inductance introduces a turn-off delay and consequently higher turn-off switching
losses. This can even lead to false turn-on phenomena, which can further increase the turn-
off switching power dissipation.
Figure 13. Impact of the parasitic effect during the turn-off operation
GIPG271120131039FSR
GIPG271120131042FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com