Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4407 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4407 Datasheet HTML 7Page - STMicroelectronics AN4407 Datasheet HTML 8Page - STMicroelectronics AN4407 Datasheet HTML 9Page - STMicroelectronics AN4407 Datasheet HTML 10Page - STMicroelectronics AN4407 Datasheet HTML 11Page - STMicroelectronics AN4407 Datasheet HTML 12Page - STMicroelectronics AN4407 Datasheet HTML 13Page - STMicroelectronics AN4407 Datasheet HTML 14Page - STMicroelectronics AN4407 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID025572 Rev 1
11/19
AN4407
Description
19
In fact, the real voltage across the gate and source pin, equal to the difference between the
driving voltage and the parasitic overvoltage, becomes positive and fully equivalent to the
extra voltage generated.
This aspect is confirmed by the waveform comparisons between the tests with a standard 3-
pin solution and the 4-pin alternative. In Figure 14, this specific aspect is shown.
Figure 14. Turn-off comparison between 3 pin and 4 pin solution
The improvement in terms of reduction of power loss is also present when the value of
RGATE is changed, accelerating or delaying the switching operations.
Figure 15. Turn-off energy comparison @ different Rg values
1.2.2
Turn-on
Also for the turn-on situation, when the driver forces VGG=12 V and the MOSFET turns on,
the positive extra-voltage generated over the stray inductance introduces a turn-on delay,
reducing the effective value of VGS with consequently higher turn-on switching losses and
increased total switching power dissipation (Figure 16).
GIPG261120131627FSR
GIPG261120131635FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com