Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4407 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4407 Datasheet HTML 8Page - STMicroelectronics AN4407 Datasheet HTML 9Page - STMicroelectronics AN4407 Datasheet HTML 10Page - STMicroelectronics AN4407 Datasheet HTML 11Page - STMicroelectronics AN4407 Datasheet HTML 12Page - STMicroelectronics AN4407 Datasheet HTML 13Page - STMicroelectronics AN4407 Datasheet HTML 14Page - STMicroelectronics AN4407 Datasheet HTML 15Page - STMicroelectronics AN4407 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Description
AN4407
12/19
DocID025572 Rev 1
Figure 16. Impact of the parasitic effect during the turn-on operation
In this case, the real voltage across the gate and source pin becomes lower than the set
positive threshold necessary to fully turn-on the device because the extravoltage generates
a negative contribution. This aspect is confirmed by the waveform comparisons between the
standard 3-pin solution and the 4-pin alternative in Figure 17 and Figure 18.
1.3
Comparison analysis between 3-pin and 4-pin devices in
efficiency and temperature; turn-on and turn-off energy at
different output powers
The effect of the analyzed solution is the reduction of the overall power loss in the transistor,
which translates into lower operating temperatures and potentially more reliable and longer
lasting power systems. In the previous sections, we have seen the effects of the parasitic
inductance on the single switching instant. In order to understand the total effect on the
whole system, a deeper analysis has been performed on the system at different output
power levels for thermal and energy saving aspects.
The following graphs give the comparative switching energy data for different power levels,
using both the 3-pin and 4-pin solutions.
GIPG271120131048FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com