Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4671 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4671
Description  How to fine tune your SiC MOSFET gate driver to minimize losses
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4671 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4671 Datasheet HTML 2Page - STMicroelectronics AN4671 Datasheet HTML 3Page - STMicroelectronics AN4671 Datasheet HTML 4Page - STMicroelectronics AN4671 Datasheet HTML 5Page - STMicroelectronics AN4671 Datasheet HTML 6Page - STMicroelectronics AN4671 Datasheet HTML 7Page - STMicroelectronics AN4671 Datasheet HTML 8Page - STMicroelectronics AN4671 Datasheet HTML 9Page - STMicroelectronics AN4671 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
How to minimize switching losses
AN4671
6/17
DocID027654 Rev 1
Figure 3: Eoff vs. Rg at VDD=800 V, ID=20 A, VGS=-2 V to 20 V, Tj=25 °C
Obviously, as the gate resistance drops, the drain-source overshoot (peak voltage
exceeding the VDD) increases, but the SCT30N120 exhibits only slight overshoot variation
with gate resistance. The maximum VDS across the MOSFET increases by only 50 V when
the gate resistance moves in to the 1 to 10
Ω range, hence the voltage margin is at least
20%, even when Rg = 1
Ω. Parasitic inductance between the drain and the positive clamp
voltage should be minimized.
The following electrical waveform diagrams clearly depict the voltage overshoot and Eoff
variation with Rg.
Figure 4: Eoff at Rg=1
Ω, VDD=800 V, ID=20 A, VGS=-2 V to 20 V, Tj=25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com