Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4671 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4671
Description  How to fine tune your SiC MOSFET gate driver to minimize losses
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4671 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4671 Datasheet HTML 1Page - STMicroelectronics AN4671 Datasheet HTML 2Page - STMicroelectronics AN4671 Datasheet HTML 3Page - STMicroelectronics AN4671 Datasheet HTML 4Page - STMicroelectronics AN4671 Datasheet HTML 5Page - STMicroelectronics AN4671 Datasheet HTML 6Page - STMicroelectronics AN4671 Datasheet HTML 7Page - STMicroelectronics AN4671 Datasheet HTML 8Page - STMicroelectronics AN4671 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2015
DocID027654 Rev 1
1/17
www.st.com
AN4671
Application note
How to fine tune your SiC MOSFET gate driver
to minimize losses
L. Abbatelli, C. Brusca, G. Catalisano
Introduction
Power electronics today is about the constant pursuit of efficiency improvements as well as cost and
size reduction.
In this challenging power conversion scenario, silicon carbide (SiC) power switches are gaining
prominence: for 1200 V power switches, silicon carbide MOSFETs are becoming an increasingly viable
alternative to conventional silicon technologies. The advanced and innovative properties of wide band-
gap materials help ensure that ST’s SiC MOSFETs exhibit low on-state resistance*area in comparison
with silicon MOSFETs, even at high temperatures, and excellent switching performance versus the best-
in-class 1200 V IGBTs in all temperature ranges, thus simplifying the thermal design of power electronic
systems.
With far lower switching losses than for comparable Si-based switches, SiC devices can operate at
switching frequencies two to five times greater than present devices and overall system designs can
also benefit from smaller and lighter passive components. The very low leakage currents boost system
reliability and consistency even when subject to elevated reverse voltages or temperature increases.
This all means that the efficiency delivered by a SiC MOSFET in any application is significantly higher
than silicon-based solutions, especially at high frequencies.
It is therefore crucial to drive SiC MOSFETs in such a way as to facilitate lowest possible conduction
and switching losses, which is why this document explains the main principles for obtaining the best
performance from ST’s 1200 V SiC MOSFET in your application.
The first ST SiC MOSFET given is the 80
mΩ version (SCT30N120), the device is packaged in the
proprietary HiP247™ package and features the industry’s highest junction temperature rating of 200 °C.
All the data reported in the present work refers to the SCT30N120.


Similar Part No. - AN4671

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4676 STMICROELECTRONICS-AN4676 Datasheet
345Kb / 18P
STM32F7 Series peripheral interconnections
18-May-2015
More results

Similar Description - AN4671

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
logo
List of Unclassifed Man...
26M048B1B ETC2-26M048B1B Datasheet
175Kb / 1P
How to select your CanStack motor
logo
STMicroelectronics
AN1014 STMICROELECTRONICS-AN1014 Datasheet
258Kb / 25P
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
logo
Cree, Inc
CPWR-AN10 CREE-CPWR-AN10 Datasheet
486Kb / 6P
SiC MOSFET Isolated Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com