Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1036 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1036
Description  This document describes the 2 kW 3-phase motor control evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1036 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1036 Datasheet HTML 25Page - STMicroelectronics UM1036 Datasheet HTML 26Page - STMicroelectronics UM1036 Datasheet HTML 27Page - STMicroelectronics UM1036 Datasheet HTML 28Page - STMicroelectronics UM1036 Datasheet HTML 29Page - STMicroelectronics UM1036 Datasheet HTML 30Page - STMicroelectronics UM1036 Datasheet HTML 31Page - STMicroelectronics UM1036 Datasheet HTML 32Page - STMicroelectronics UM1036 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
DocID18293 Rev 2
29/47
UM1036
Description of jumpers, test pins, and connectors
47
5
Description of jumpers, test pins, and connectors
Table 6, 7, and 8 give a detailed description of the jumpers, test pins, and the pinout of the
connectors used.
Table 6.
Jumper description
Jumper
Selection
Description
W1
A position
VDD = 3.3 V
B position
VDD = 5 V
W2
A position
Software brake applied
B position
Disabling of OCP
W3
Present
Supplying of MCU unit with VDD
Not present
MCU is supplied separately
W4
Present
Tachometer connected
Not present
Hall or encoder connected
W5
Present
Hall or encoder connected
Not present
Tachometer connected
W6
A position
A position - VDD for Hall / encoder
B position
B position - +5 V for Hall / encoder
W7
Present
Any single-shunt configuration
Not present
Any three-shunt configuration
W8
Present
Any single-shunt configuration
Not present
Any three-shunt configuration
W9
Present
Any three-shunt configuration
Not present
Any single-shunt configuration
W10
Present
Any three-shunt configuration
Not present
Any single-shunt configuration
W11
Present
Gain for any FOC
Not present
Gain for six-step control
W12
Present
Gain for any FOC
Not present
Gain for six-step control
W13
Present
Gain for any FOC
Not present
Gain for six-step control
W14
Present
Gain for any FOC
Not present
Gain for six-step control
W15
Present
Voltage doubler applied (max. 145 VAC)
Not present
Voltage doubler disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com