Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1036 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1036
Description  This document describes the 2 kW 3-phase motor control evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1036 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1036 Datasheet HTML 31Page - STMicroelectronics UM1036 Datasheet HTML 32Page - STMicroelectronics UM1036 Datasheet HTML 33Page - STMicroelectronics UM1036 Datasheet HTML 34Page - STMicroelectronics UM1036 Datasheet HTML 35Page - STMicroelectronics UM1036 Datasheet HTML 36Page - STMicroelectronics UM1036 Datasheet HTML 37Page - STMicroelectronics UM1036 Datasheet HTML 38Page - STMicroelectronics UM1036 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
DocID18293 Rev 2
35/47
UM1036
Bill of materials
47
3
R1, R4, R7
100 k
Ω
Resistor, SMD 1206
Any
3
R53, R57, R61
100 k
Ω
Resistor, SMD 0805, 1%
Any
4
R2, R5, R40, R41
470 k
Ω
Resistor, SMD 1206
Any
1R3
10
Ω
NTC resistor 10R, through hole
EPCOS
B57464S0100M
2
R6, R10
120
Ω
Resistor, SMD 0805, 1%
Any
2
R8, R111
7.5 k
Ω
Resistor, SMD 0805, 1%
Any
3
R9, R91, R106
51 k
Ω
Resistor, SMD 0805, 1%
Any
1R11
13 k
Ω
Resistor, SMD 0805, 1%
Any
4
R12, R16, R31, R37
5.6 k
Ω
Resistor, SMD 0805, 1%
Any
1
R13
160
Ω
Resistor, SMD 1206
Any
20
R14, R36, R44, R79, R86,
R95, R103, R54, R55, R58,
R59, R62, R63, R72, R78,
R80, R85, R87, R94, R97
1 K
Ω
Resistor, SMD 0805, 1%
Any
7
R15, R27, R28, R29, R50,
R76, R93
10 k
Ω
Resistor, SMD 0805, 1%
Any
9
R17, R18, R19, R20, R21,
R22, R23, R24, R25
4.7 k
Ω
Resistor, SMD 0805, 1%
Any
0
R26, R43
N.C.
Any
1
R30
100
Ω
Resistor, SMD 0805, 1%
Any
8
R32, R98, R77, R83, R84,
R90, R92, R100
8.2 k
Ω
Resistor, SMD 0805, 1%
Any
4
R33, R49, R51, R114
15 k
Ω
Resistor, SMD 0805, 1%
Any
1
R34
6.8 k
Ω
Resistor, SMD 0805, 1%
Any
2
R35, R109
910
Ω
Resistor, SMD 0805, 1%
Any
2
R47, R96
220
Ω
Resistor, SMD 0805, 1%
Any
1R38
22
Ω
Resistor, SMD 0805, 1%
Any
1R39
68 k
Ω
Resistor, SMD 0805, 1%
Any
1
R42
560
Ω
Resistor, SMD 0805, 1%
Any
4
R45, R108, R110, R117
2.2 k
Ω
Resistor, SMD 0805, 1%
Any
1R115
4.3 k
Ω
Resistor, SMD 0805, 1%
Any
1
R46
220 k
Ω
Resistor, SMD 0805, 1%
Any
2
R48, R52
27 k
Ω
Resistor, SMD 0805, 1%
Any
5
R56, R60, R65, R116, R73
3.3 k
Ω
Resistor, SMD 0805, 1%
Any
1R64
16 k
Ω
Resistor, SMD 0805, 1%
Any
Table 9. Bill of materials (continued)
Qty
Reference
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com