Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1036 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1036
Description  This document describes the 2 kW 3-phase motor control evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1036 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1036 Datasheet HTML 33Page - STMicroelectronics UM1036 Datasheet HTML 34Page - STMicroelectronics UM1036 Datasheet HTML 35Page - STMicroelectronics UM1036 Datasheet HTML 36Page - STMicroelectronics UM1036 Datasheet HTML 37Page - STMicroelectronics UM1036 Datasheet HTML 38Page - STMicroelectronics UM1036 Datasheet HTML 39Page - STMicroelectronics UM1036 Datasheet HTML 40Page - STMicroelectronics UM1036 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
DocID18293 Rev 2
37/47
UM1036
Bill of materials
47
1
U8
TSV994IDT
Op amp, SO-14
STM
1
U9
TS372ID
Dual comparator, SO-8
STM
0
TP1, TP3, TP5
N.C.
19
TP2, TP4, TP6, TP7, TP8,
TP9, TP10, TP11, TP12,
TP13, TP14, TP15, TP16,
TP17, TP18, TP19, TP20,
TP21, TP22
PCB terminal 1
mm
Test pin
W1
Jumper 2.54
Three pins of pin header +
jumper in position A
W2
Jumper 2.54
Three pins of pin header +
jumper in position A
W3
Jumper 2.54
Two pins of pin header
W4
Jumper 2.54
Two pins of pin header
W5
Jumper 2.54
Two pins of pin header + jumper
W6
Jumper 2.54
Three pins of pin header +
jumper in position A
W7
Jumper 2.54
N.C.
W8
Jumper 2.54
N.C.
W9
Jumper 2.54
Soldered PCB pads together
W10
Jumper 2.54
Soldered PCB pads together
W11
Jumper 2.54
Two pins of pin header + jumper
W12
Jumper 2.54
Two pins of pin header + jumper
W13
Jumper 2.54
Two pins of pin header + jumper
W14
Jumper 2.54
Two pins of pin header + jumper
W15
Jumper 2.54
N.C.
1+1
J1
Connector 4P
Connector RM 5 mm, 4-pole
male and female
Hartman
1
J2
MLW34G
MLW connector 34-pins
ARK
1
J3
BL815G
Pins RM 2.54 mm, (12-pins from
15-pin list)
1+1
J4
Connector 3P
Connector RM5 mm, 3-pole
male and female
Hartman
1+1
J5
Con. 5 mm, 2P +
3P
Connector RM 5 mm, 2-pole and
3-pole, screw
ARK
1
J6
Con. 5 mm, 2P
Connector RM 5 mm, 2-pole,
screw
ARK
1
J7
Con. 5 mm, 2P
Connector RM 5 mm, 2-pole,
screw
ARK
Table 9. Bill of materials (continued)
Qty
Reference
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com