Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1373 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1373
Description  250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1373 Datasheet(HTML) 3 Page - Linear Technology

  LT1373 Datasheet HTML 1Page - Linear Technology LT1373 Datasheet HTML 2Page - Linear Technology LT1373 Datasheet HTML 3Page - Linear Technology LT1373 Datasheet HTML 4Page - Linear Technology LT1373 Datasheet HTML 5Page - Linear Technology LT1373 Datasheet HTML 6Page - Linear Technology LT1373 Datasheet HTML 7Page - Linear Technology LT1373 Datasheet HTML 8Page - Linear Technology LT1373 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1373
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BV
Output Switch Breakdown Voltage
LT1373
q
35
47
V
LT1373HV
0
°C ≤ TJ ≤ 125°C
q
42
47
V
– 40
°C ≤ TJ ≤ 0°C (I Grade)
40
V
VSAT
Output Switch “On” Resistance
ISW = 1A
q
0.5
0.85
Ω
ILIM
Switch Current Limit
Duty Cycle = 50%
q
1.5
1.9
2.7
A
Duty Cycle = 80% (Note 2)
q
1.3
1.7
2.5
A
∆IIN
Supply Current Increase During Switch On-Time
10
20
mA/A
∆ISW
Control Voltage to Switch Current
2A/V
Transconductance
Minimum Input Voltage
q
2.4
2.7
V
IQ
Supply Current
2.7V
≤ VIN ≤ 25V
q
1
1.5
mA
Shutdown Supply Current
2.7V
≤ VIN ≤ 25V, VS/S ≤ 0.6V
0
°C ≤ TJ ≤ 125°C
q
12
30
µA
– 40
°C ≤ TJ ≤ 0°C (I Grade)
50
µA
Shutdown Threshold
2.7V
≤ VIN ≤ 25V
q
0.6
1.3
2
V
Shutdown Delay
q
5
12
100
µs
S/S Pin Input Current
0V
≤ VS/S ≤ 5V
q
–10
15
µA
Synchronization Frequency Range
q
300
340
kHz
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
SWITCH CURRENT (A)
0
0.6
0.8
1.0
1.6
LT1373 • G01
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
0.4
0.8
1.2
2.0
1.4
0.2
0.6
1.0
1.8
100
°C
150
°C
25
°C
–55
°C
Switch Saturation Voltage
vs Switch Current
TEMPERATURE (
°C)
–50
1.8
2.0
2.2
2.4
2.6
050
100
150
LT1373 • G03
2.8
3.0
–25
25
75
125
Minimum Input Voltage
vs Temperature
DUTY CYCLE (%)
0
1.0
2.0
3.0
0.5
1.5
2.5
20
40
60
80
LT1373 • G02
100
10
0
30
50
70
90
25
°C AND
125
°C
–55
°C
Switch Current Limit
vs Duty Cycle
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 5V, VC = 0.6V, VFB = VREF, VSW, S/S and NFB pins open, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 2: For duty cycles (DC) between 50% and 90%, minimum
guaranteed switch current is given by ILIM = 0.667 (2.75 – DC).
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com