Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1373 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1373
Description  250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1373 Datasheet(HTML) 5 Page - Linear Technology

  LT1373 Datasheet HTML 1Page - Linear Technology LT1373 Datasheet HTML 2Page - Linear Technology LT1373 Datasheet HTML 3Page - Linear Technology LT1373 Datasheet HTML 4Page - Linear Technology LT1373 Datasheet HTML 5Page - Linear Technology LT1373 Datasheet HTML 6Page - Linear Technology LT1373 Datasheet HTML 7Page - Linear Technology LT1373 Datasheet HTML 8Page - Linear Technology LT1373 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1373
VC (Pin 1): Compensation Pin. The VC pin is used for
frequency compensation, current limiting and soft start. It
is the output of the error amplifier and the input of the
current comparator. Loop frequency compensation can be
performed with an RC network connected from the VC pin
to ground.
FB (Pin 2): The feedback pin is used for positive output
voltage sensing and oscillator frequency shifting. It is the
inverting input to the error amplifier. The noninverting
input of this amplifier is internally tied to a 1.245V
reference. Load on the FB pin should not exceed 100
µA
when the NFB pin is used. See Applications Information.
NFB (Pin 3): The negative feedback pin is used for negative
output voltage sensing. It is connected to the inverting
input of the negative feedback amplifier through a 400k
source resistor.
S/S (Pin 4): Shutdown and Synchronization Pin. The S/S
pin is logic level compatible. Shutdown is active low and
the shutdown threshold is typically 1.3V. For normal
operation, pull the S/S pin high, tie it to VIN or leave it
floating. To synchronize switching, drive the S/S pin be-
tween 300kHz and 340kHz.
VIN (Pin 5): Input Supply Pin. Bypass VIN with 10µF or
more. The part goes into undervoltage lockout when VIN
drops below 2.5V. Undervoltage lockout stops switching
and pulls the VC pin low.
GND S (Pin 6): The ground sense pin is a “clean” ground.
The internal reference, error amplifier and negative feed-
back amplifier are referred to the ground sense pin. Con-
nect it to ground. Keep the ground path connection to the
output resistor divider and the VC compensation network
free of large ground currents.
GND (Pin 7): The ground pin is the emitter connection of
the power switch and has large currents flowing through it.
It should be connected directly to a good quality ground
plane.
VSW (Pin 8): The switch pin is the collector of the power
switch and has large currents flowing through it. Keep the
traces to the switching components as short as possible to
minimize radiation and voltage spikes.
–
+
NEGATIVE
FEEDBACK
AMP
NFB
S/S
FB
400k
200k
0.08
Ω
VC
VIN
GND
LT1373 • BD
GND SENSE
1.245V
REF
5:1 FREQUENCY
SHIFT
250kHz
OSC
SYNC
SHUTDOWN
DELAY AND RESET
LOW DROPOUT
2.3V REG
ANTI-SAT
LOGIC
DRIVER
SW
SWITCH
–
+
AV ≈ 6
COMP
ERROR
AMP
CURRENT
AMP
PI FU CTIO S
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com