Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1373 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1373
Description  250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1373 Datasheet(HTML) 1 Page - Linear Technology

  LT1373 Datasheet HTML 1Page - Linear Technology LT1373 Datasheet HTML 2Page - Linear Technology LT1373 Datasheet HTML 3Page - Linear Technology LT1373 Datasheet HTML 4Page - Linear Technology LT1373 Datasheet HTML 5Page - Linear Technology LT1373 Datasheet HTML 6Page - Linear Technology LT1373 Datasheet HTML 7Page - Linear Technology LT1373 Datasheet HTML 8Page - Linear Technology LT1373 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1373
250kHz Low Supply Current
High Efficiency
1.5A Switching Regulator
s
Boost Regulators
s
CCFL Backlight Driver
s
Laptop Computer Supplies
s
Multiple Output Flyback Supplies
s
Inverting Supplies
The LT
®1373 is a low supply current high frequency
current mode switching regulator. It can be operated in all
standard switching configurations including boost, buck,
flyback, forward, inverting and “Cuk.” A 1.5A high effi-
ciency switch is included on the die, along with all oscilla-
tor, control and protection circuitry. All functions of the
LT1373 are integrated into 8-pin SO/PDIP packages.
Compared to the 500kHz LT1372, which draws 4mA of
quiescent current, the LT1373 switches at 250kHz, typi-
cally consumes only 1mA and has higher efficiency. High
frequency switching allows for small inductors to be used.
All surface mount components consume less than 0.6
square inch of board space.
New design techniques increase flexibility and maintain
ease of use. Switching is easily synchronized to an exter-
nal logic level source. A logic low on the shutdown pin
reduces supply current to 12
µA. Unique error amplifier
circuitry can regulate positive or negative output voltage
while maintaining simple frequency compensation tech-
niques. Nonlinear error amplifier transconductance re-
duces output overshoot on start-up or overload recovery.
Oscillator frequency shifting protects external compo-
nents during overload conditions.
s
1mA IQ at 250kHz
s
Uses Small Inductors: 15
µH
s
All Surface Mount Components
s
Only 0.6 Square Inch of Board Space
s
Low Minimum Supply Voltage: 2.7V
s
Constant Frequency Current Mode
s
Current Limited Power Switch: 1.5A
s
Regulates Positive or Negative Outputs
s
Shutdown Supply Current: 12
µA Typ
s
Easy External Synchronization
s
8-Pin SO or PDIP Packages
, LTC and LT are registered trademarks of Linear Technology Corporation.
OUTPUT CURRENT (mA)
1
70
80
90
10
100
1000
LT1373 • TA02
60
50
100
VIN = 5V
f = 250kHz
LT1373
VIN
VC
5V
1
2
8
5
4
6, 7
SUMIDA CD75-220KC (22
µH) OR
COILCRAFT D03316-153 (15
µH)
AVX TPSD226M025R0200
GND
FB
LT1373 • TA01
VSW
S/S
L1*
22
µH
C1**
22
µF
C4**
22
µF
C2
0.01
µF
R3
5k
R2
24.9k
1%
R1
215k
1%
*
**
VOUT
†
12V
†MAX IOUT
D1
MBRS120T3
ON
OFF
L1
15
µH
22
µH
IOUT
0.3A
0.35A
+
+
5V-to-12V Boost Converter
12V Output Efficiency
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1373

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1373 LINER-LT1373 Datasheet
181Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
LT1373CN8 LINER-LT1373CN8 Datasheet
181Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
LT1373CS8 LINER-LT1373CS8 Datasheet
181Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
LT1373HVCN8 LINER-LT1373HVCN8 Datasheet
181Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
LT1373HVCS8 LINER-LT1373HVCS8 Datasheet
181Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
More results

Similar Description - LT1373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
1.5A High Efficiency Synchronous Switching Regulator
logo
Linear Technology
LT1373 LINER-LT1373 Datasheet
181Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
logo
Micrel Semiconductor
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
1.5A High Efficiency Low Dropout Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com