Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN970 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN970
Description  SPI COMMUNICATION BETWEEN ST7 AND EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN970 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN970 Datasheet HTML 2Page - STMicroelectronics AN970 Datasheet HTML 3Page - STMicroelectronics AN970 Datasheet HTML 4Page - STMicroelectronics AN970 Datasheet HTML 5Page - STMicroelectronics AN970 Datasheet HTML 6Page - STMicroelectronics AN970 Datasheet HTML 7Page - STMicroelectronics AN970 Datasheet HTML 8Page - STMicroelectronics AN970 Datasheet HTML 9Page - STMicroelectronics AN970 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
5.4 USE OF SEVERAL EEPROMS
It is possible to communicate with several EEPROMs. Each one is selected in turn. Then the
same protocol as described before is followed.
The main point is to reserve one I/O pin to select each device.
A hardware schematic using two devices is given below (Figure 4).
The selection of the devices is made using the PB2 and PB3 pins.
Figure 4. Hardware schematic for two devices
5.5 SOFTWARE
All the source files in assembly code are given in the zip file with this application note.
The source files are for guidance only. STMicroelectronics shall not be held liable for any di-
rect, indirect or consequential damages with respect to any claims arising from use of this soft-
ware.
Q
D
S
VCC
VSS
C
W
H
ST72264
110pF
M95040
VCC
VCC
VSS
VCC
VSS
1
VCC
VSS
SS(soft driven)
SCK
PB3
MISO
MOSI
VCC
Q
D
S
VCC
VSS
C
W
H
110pF
M95040
VCC
VCC
VSS
VCC
PB2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com