Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN970 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN970
Description  SPI COMMUNICATION BETWEEN ST7 AND EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN970 Datasheet(HTML) 5 Page - STMicroelectronics

  AN970 Datasheet HTML 1Page - STMicroelectronics AN970 Datasheet HTML 2Page - STMicroelectronics AN970 Datasheet HTML 3Page - STMicroelectronics AN970 Datasheet HTML 4Page - STMicroelectronics AN970 Datasheet HTML 5Page - STMicroelectronics AN970 Datasheet HTML 6Page - STMicroelectronics AN970 Datasheet HTML 7Page - STMicroelectronics AN970 Datasheet HTML 8Page - STMicroelectronics AN970 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
3 M95040 EEPROM MANAGEMENT AND CONFIGURATION
3.1 MAIN FEATURES
This is a 4K memory composed of two pages of 2K bytes.
All instructions, addresses and data are shifted in and out of the chip MSB first.
The write protect pin (W) and the hold pin (H) are not used in our application (both are high
level).
3.2 STATUS REGISTER
This device has one status register.
The BP1 and BP0 bits in the status register can be used to write protect a block of memory. In
this application, both bits are cleared, allowing write access to all the memory.
The WEL bit indicates the status of the write enable latch.
The WIP bit indicates whether the memory is busy with a write operation.
3.3 INSTRUCTION SET
Prior to any operation, the device must be selected (SS pin at low level), then an one-byte in-
struction code must be sent to the EEPROM. The device has a set of 6 instructions (see Table
1 Instruction Set).
Table 1. Instruction Set
Notes: A8 = 1, Upper page selected.
A8 = 0, Lower page selected.
Instruction
Description
Instruction format
WREN
Set Write Enable Latch
0000 0110
WRDI
Reset Write Enable Latch
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read Data from Memory Array
0000 A8011
WRITE
Write Data to Memory Array
0000 A8010



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com