Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN970 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN970
Description  SPI COMMUNICATION BETWEEN ST7 AND EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN970 Datasheet(HTML) 4 Page - STMicroelectronics

  AN970 Datasheet HTML 1Page - STMicroelectronics AN970 Datasheet HTML 2Page - STMicroelectronics AN970 Datasheet HTML 3Page - STMicroelectronics AN970 Datasheet HTML 4Page - STMicroelectronics AN970 Datasheet HTML 5Page - STMicroelectronics AN970 Datasheet HTML 6Page - STMicroelectronics AN970 Datasheet HTML 7Page - STMicroelectronics AN970 Datasheet HTML 8Page - STMicroelectronics AN970 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
2.2.3 Baud rates
First the communication speed must be chosen. As the clock is given by the master, the user
has to configure the baud rate of the ST7 SPI (SPR[2-0] bits in the SPICR register).
For each CPU frequency, six Baud Rates are available. If fCPU = 8MHz, the baud rate range is
62.5kHz to 2MHz.
2.2.4 Clock phase and polarity
Then the clock polarity and the clock phase have to be chosen.
The clock polarity (CPOL bit of the SPCR register) controls the steady state value of the clock
when no data is being transferred.
The clock phase (CPHA bit of the SPCR register) selects on which clock transition the bit cap-
ture is made and consequently on which clock transition data is latched.
The user must be careful of the fact that some devices do not allow all timing relationships. For
instance, the ST95040 EEPROM device accepts only CPOL,CPHA = (0,0) or (1,1) configura-
tions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com