Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSRMSW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # APSRMSW
Description  Remote Control Module for Tripp Lite Pure Sine Wave Inverter/Chargers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSRMSW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  APSRMSW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSRMSW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Remote Control Module for Tripp Lite Pure Sine
Wave Inverter/Chargers
MODEL NUMBER: APSRMSW
Description
Tripp Lite's APSRMSW provides remote monitoring and control of Tripp Lite Pure Sine Wave Inverter/Chargers
featuring a RJ-style connector. LED Indicator lights display power conditions, battery status, charger status and
battery limits. The module includes mounting holes for multiple mounting options with supplied screws and
anchors.
Features
Provides complete remote monitoring and control of Tripp Lite Pure Sine Wave Inverter/Chargers
Intuitive "traffic light" LEDs display a variety of operational information
Attractive face plate for additional front-panel mounting options for RV, marine or vehicular detailing
Remote cord allows you to locate remote module virtually anywhere within your vehicle or boat
Specifications
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
Battery Charge and Operational LEDs
Switches
Remote Control Switch
PHYSICAL
Shipping Dimensions (hwd / in.)
2.71 x .4.41 x 6.61
Shipping Dimensions (hwd / cm)
6.88 x 11.20 x 16.79
Shipping Weight (lbs.)
.44
Shipping Weight (kg)
.20
Highlights
Intuitive traffic light LED readouts
Complete remote monitoring and
control
Versatile design for front panel,
rear panel or below-dash
mounting
Includes remote module and
remote control cord
Applications
Designed for remote monitoring and
control of Tripp Lite Pure Sine Wave
Inverter/Chargers.
Package Includes
APSRMSW Remote Control
Module
Remote Control Cord
Mounting screws and anchors
Instruction Manual with Warranty
Information
1 / 2


Similar Part No. - APSRMSW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSRM4 ETC2-APSRM4 Datasheet
483Kb / 3P
Remote Control Module - for Tripp Lite PowerVerter Inverters and Inverter/Chargers
More results

Similar Description - APSRMSW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
APSRM4 ETC2-APSRM4 Datasheet
483Kb / 3P
Remote Control Module - for Tripp Lite PowerVerter Inverters and Inverter/Chargers
logo
COTEK ELECTRONIC IND. C...
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1000 COTEK-SP-1000 Datasheet
121Kb / 2P
1000W Pure Sine Wave Inverter
20/10/21
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-2000 COTEK-SP-2000 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com