Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1224 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1224
Description  Evaluation board using SD57045 LDMOS RF transistor for FM broadcast application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1224 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1224 Datasheet HTML 2Page - STMicroelectronics AN1224 Datasheet HTML 3Page - STMicroelectronics AN1224 Datasheet HTML 4Page - STMicroelectronics AN1224 Datasheet HTML 5Page - STMicroelectronics AN1224 Datasheet HTML 6Page - STMicroelectronics AN1224 Datasheet HTML 7Page - STMicroelectronics AN1224 Datasheet HTML 8Page - STMicroelectronics AN1224 Datasheet HTML 9Page - STMicroelectronics AN1224 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Characterization results
AN1224
6/10
Figure 3.
Layout for broadband power amplifier
2
Characterization results
●
Tcase = 25 °C
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-source voltage
65
V
VDGR
Drain-gate voltage (RGS = 1 MΩ)
65
V
VGS
Gate-source voltage
+/-20
V
ID
Drain current
5
A
PDISS
Power dissipation (at TC=70°C)
93
W
TJMax
Operating junction temperature
200
°C
TSTG
Storage temperature
-65 to 200
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction-case thermal resistance
1.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com