Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1224 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1224
Description  Evaluation board using SD57045 LDMOS RF transistor for FM broadcast application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1224 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1224 Datasheet HTML 1Page - STMicroelectronics AN1224 Datasheet HTML 2Page - STMicroelectronics AN1224 Datasheet HTML 3Page - STMicroelectronics AN1224 Datasheet HTML 4Page - STMicroelectronics AN1224 Datasheet HTML 5Page - STMicroelectronics AN1224 Datasheet HTML 6Page - STMicroelectronics AN1224 Datasheet HTML 7Page - STMicroelectronics AN1224 Datasheet HTML 8Page - STMicroelectronics AN1224 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2007
Rev 3
1/10
AN1224
Application note
Evaluation board using SD57045 LDMOS
RF transistor for FM broadcast application
Introduction
LDMOS technology allows the manufacturing of high efficiency and high gain amplifiers for
FM transmitters. LDMOS has proven advantages against bipolar devices in terms of higher
gain, efficiency, linearity, and biasing simpleness that lower the overall system cost and
make them attractive for high volume businesses demanding low cost RF power transistor
solutions. Thanks to these advantages, LDMOS RF power transistors are the proven
mainstay in the power amplifier business of the cellular base station today. The device used
for the present characterization, SD57045, an STMicroelectronics product, is a lateral
current, double diffused MOS transistor that delivers 45 W under 28 V supply. It is
unmatched from DC to 1 Ghz making it eligible for a variety of applications, especially for
high performance, low cost FM driver applications. This application note documents the
feasibility of a low cost 900 MHz cellular device as a commercial FM driver. The key
advantages of LDMOS technology are improved thermal resistance and reduced source
output inductance. The wire-bonded connections to the external circuitry (DMOS config.)
are no longer required because the source at the chip surface is connected to the substrate
by the diffusion of a highly doped p-type region. Consequently, LDMOS has excellent high
frequency response because of its high fT and superior gain due to the low feedback
capacitance and reduced source inductance. An additional advantage of the LDMOS
structure is that beryllium oxide (BeO), a toxic electrical insulator required to isolate the
drain with DMOS transistors, is no longer needed. Hence, not only the thermal resistance is
improved, but package cost and environmental impact are significantly reduced. Finally, in
an LDMOS, the parasitic bipolar has been nullified guaranteeing good ruggedness,
efficiency and high current handling capability.
www.st.com


Similar Part No. - AN1224

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1220 STMICROELECTRONICS-AN1220 Datasheet
248Kb / 13P
LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
Jan-2000
AN1228 STMICROELECTRONICS-AN1228 Datasheet
87Kb / 6P
How to relate LMOS device parameters to RF performance
31-Jul-2007
AN1229 STMICROELECTRONICS-AN1229 Datasheet
122Kb / 7P
SD2932 RF MOSFET for 300 W FM amplifier
30-Jul-2007
More results

Similar Description - AN1224

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1457 STMICROELECTRONICS-SD1457 Datasheet
61Kb / 5P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
Nov-1992
SD1460 STMICROELECTRONICS-SD1460 Datasheet
67Kb / 5P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
Nov-1992
logo
Microsemi Corporation
SD1483 MICROSEMI-SD1483 Datasheet
750Kb / 7P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
logo
Motorola, Inc
EB212 MOTOROLA-EB212 Datasheet
323Kb / 8P
Using Data Sheet Impedances for RF LDMOS Devices
logo
Advanced Power Technolo...
MS1281 ADPOW-MS1281 Datasheet
132Kb / 3P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
logo
Silicon Laboratories
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
Broadcast FM Radio Transceiver for Portable Applications
logo
Analog Devices
EVAL-AD7764 AD-EVAL-AD7764_15 Datasheet
2Mb / 23P
Evaluation Board for AD7764/AD7765 using
Rev. PrC
EVAL-AD7765EBZ AD-EVAL-AD7765EBZ_15 Datasheet
2Mb / 23P
Evaluation Board for AD7764/AD7765 using
Rev. PrC
logo
Silicon Laboratories
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
BROADCAST FM RADIO RECEIVER FOR CONSUMER
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com