Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1224 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1224
Description  Evaluation board using SD57045 LDMOS RF transistor for FM broadcast application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1224 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1224 Datasheet HTML 2Page - STMicroelectronics AN1224 Datasheet HTML 3Page - STMicroelectronics AN1224 Datasheet HTML 4Page - STMicroelectronics AN1224 Datasheet HTML 5Page - STMicroelectronics AN1224 Datasheet HTML 6Page - STMicroelectronics AN1224 Datasheet HTML 7Page - STMicroelectronics AN1224 Datasheet HTML 8Page - STMicroelectronics AN1224 Datasheet HTML 9Page - STMicroelectronics AN1224 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Characterization results
AN1224
8/10
Figure 6.
Output power and efficiency vs. input power
Figure 7.
Power gain and efficiency vs. output power
Figure 8.
Class A safe operating area
0.1
0.2
0.3
0.4
0.5
0.6
Input Power (W)
12
24
36
48
60
40
50
60
70
Pout
Eff
Freq=95 MHz
Idq=250 mA
Vdd=28V
15
30
45
60
Pout (W)
18
20
22
24
40
50
60
70
Gain
Eff
Freq=95 MHz
Idq=250 mA
Vdd=28V
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
1
10
Tc=70˚C
Tc=100˚C
Tj=200˚C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com