Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1278 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 17Page - STMicroelectronics AN1278 Datasheet HTML 18Page - STMicroelectronics AN1278 Datasheet HTML 19Page - STMicroelectronics AN1278 Datasheet HTML 20Page - STMicroelectronics AN1278 Datasheet HTML 21Page - STMicroelectronics AN1278 Datasheet HTML 22Page - STMicroelectronics AN1278 Datasheet HTML 23Page - STMicroelectronics AN1278 Datasheet HTML 24Page - STMicroelectronics AN1278 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
event to the application, one of the 3 notification functions is called. These functions are deliv-
ered empty and by expanding them the user is able to fully define his application LIN commu-
nication. The 3 functions correspond to the 3 kinds of events:
Function
uByte * DataRequest_Notification(@tiny t_header *header)
Parameters
pointer to a variable of type t_header
Return value
pointer to an array
Description
This function is called on reception of a LIN header which requests data
i.e. which is defined in the ID_Table with the qualifier
“ID_DATAREQUEST”. The function passes the received header as a
pointer. The user has to complete this function and return a pointer to the
array containing the data to be sent.
Note: The data bytes are buffered by the LIN software just after this func-
tion call so that the user does not have to handle data sharing between
the application and the LIN software.
Function
void DataReceived_Notification(@tiny t_header *header, @tiny
t_response *response)
Parameters
pointer to a variable of type t_header, pointer to a variable of type
t_response
Return value
none
Description
This function is called upon the reception of a LIN header and response
which was sent by the master to the application i.e. which is defined in the
ID_Table with the qualifier“ID_DATASENT”. The function passes the re-
ceived header and response as a pointer. The user has to complete this
function to handle the received data.
Function
void Error_Notification(t_error error_code)
Parameters
variable of type t_error
Return value
none
Description
This function is called upon the detection of an error. The function passes
the type of error (See t_error type definition in 3.2.1 Type definition). The
user has to complete this function if special action has to be taken in case
of errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com