Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1278 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 33Page - STMicroelectronics AN1278 Datasheet HTML 34Page - STMicroelectronics AN1278 Datasheet HTML 35Page - STMicroelectronics AN1278 Datasheet HTML 36Page - STMicroelectronics AN1278 Datasheet HTML 37Page - STMicroelectronics AN1278 Datasheet HTML 38Page - STMicroelectronics AN1278 Datasheet HTML 39Page - STMicroelectronics AN1278 Datasheet HTML 40Page - STMicroelectronics AN1278 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
37/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
sponding software performance is different. Table 9 and Table 10 give performance summa-
ries for both examples.
Table 9. ST72254 Example performance summary
Table 10. ST72334 Example performance summary
4.4.1 Timing considerations
The runtime performance of the software depends on many parameters like the memory
model, the compiler options and the compiler version and also on the application (lin_ai.c is
part of the LIN interrupt). As a result it is impossible to give generally applicable software
runtime performance data.
A first timing consideration is the maximum reachable speed running the software without any
application software. In this case only the software emulating the SCI communication
(ST72254 example) has speed limitations. In the above ST72254 example the maximum
speed reachable was 16kbaud. The software using the on-chip SCI peripheral has no LIN
speed limitation.
Then if you add some application code in the lin_ai.c file, you make the LIN interrupt service
routine longer and therefore decrease the software performance. That’s why in order to
achieve better performance you should keep actions done in the lin_ai.c file as short as pos-
sible. Nevertheless the software that uses the on-chip SCI peripheral should not be speed lim-
ited under 20kbaud.
The final timing consideration is when the application software needs to interrupt the LIN com-
munication. The LIN software is interrupt-driven and between two interrupts the application
software can run some other code. As long as the application software is interruptable, the LIN
software will interrupt it when needed. Problems can occur if the application software is not in-
Compiler version
v4.3a
Memory model
+modm - memory short
Compiler options
+debug
Code size
whole project
2.1 kbyte
lin.o
1.8 kbyte
lin_ai.o
44 byte
LIN interrupt - CPU load
17%
Max LIN baudrate @16MHz
16kbaud
Compiler version
v4.3a
Memory model
+modms - memory small
Compiler options
+debug
Code size
whole project
1.4 kbyte
lin.o
1.0 kbyte
lin_ai.o
44 byte
LIN interrupt - CPU load
2%
Max LIN baudrate @16MHz
no limit-20kbaud



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com