Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1278 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 35Page - STMicroelectronics AN1278 Datasheet HTML 36Page - STMicroelectronics AN1278 Datasheet HTML 37Page - STMicroelectronics AN1278 Datasheet HTML 38Page - STMicroelectronics AN1278 Datasheet HTML 39Page - STMicroelectronics AN1278 Datasheet HTML 40Page - STMicroelectronics AN1278 Datasheet HTML 41Page - STMicroelectronics AN1278 Datasheet HTML 42Page - STMicroelectronics AN1278 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
39/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
4.4.2.1 Reception
The SCI is emulated by software using the input capture and output compare of the on-chip
16-bit timer. When the bus is idle, the software waits for a negative edge: The input capture in-
terrupt is activated and calls the LIN interrupt when a negative edge occurs. The input capture
time is used to generate an output compare in the middle of this first bit. The LIN interrupt rou-
tine returns to the calling program. When the output compare event occurs the LIN interrupt is
called again. The bus level is checked and a new output compare is set to occur in the middle
of the next bit. This last process is repeated until the stop bit.
As a result the application software should not:
– delay the occurrence of the IC interrupt too much. Specifically: A problem occurs if the first
output compare is set after the expected occurrence of the output compare event, which is
the middle of the bit. So as long as the IC interrupt ends before the middle of the bit, the delay
is acceptable. See Figure 18.
Figure 18. IC Interrupt Handing in Reception Mode
– Delay the occurrence of each OC interrupt too much. Specifically: A problem occurs if the
sample time defined at the beginning of the interrupt is delayed so that it occurs after the end
of the bit. See Figure 19.
start bit
application task
IC request IC interrupt served
deadline for
end of IC interrupt
1/2
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com