Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2997 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2997
Description  Remote/Internal Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2997 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2997 Datasheet HTML 10Page - Linear Technology LTC2997 Datasheet HTML 11Page - Linear Technology LTC2997 Datasheet HTML 12Page - Linear Technology LTC2997 Datasheet HTML 13Page - Linear Technology LTC2997 Datasheet HTML 14Page - Linear Technology LTC2997 Datasheet HTML 15Page - Linear Technology LTC2997 Datasheet HTML 16Page - Linear Technology LTC2997 Datasheet HTML 17Page - Linear Technology LTC2997 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC2997
14
2997fa
Figure 14. Temperature Proportional PWM Fan Speed Controller
TYPICAL APPLICATIONS
D+
D–
LTC2997
VCC
VREF
VPTAT
GND
2997 F14
10k
–
+
LTC6078
470pF
MMBT 3904
39k
390k
68k
0.1μF
5V
MOD
SET
LTC6692
VCC
OUT
B6015L12F
IRF3708
12V
DIV
GND
FAN
Figure 13. Remote Diode Sensor Insensitive to Cable Connection Polarity
VREF
2.5V TO 5.5V
D+
D–
LTC2997
470pF
MMBT3904
2997 F13
VCC
VPTAT
GND
0.1μF
4mV/K
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com