Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2997 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2997
Description  Remote/Internal Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2997 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2997 Datasheet HTML 10Page - Linear Technology LTC2997 Datasheet HTML 11Page - Linear Technology LTC2997 Datasheet HTML 12Page - Linear Technology LTC2997 Datasheet HTML 13Page - Linear Technology LTC2997 Datasheet HTML 14Page - Linear Technology LTC2997 Datasheet HTML 15Page - Linear Technology LTC2997 Datasheet HTML 16Page - Linear Technology LTC2997 Datasheet HTML 17Page - Linear Technology LTC2997 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2997
18
2997fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2011
LT 0911 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC2990
Remote/Internal Temperature, Voltage and Current
Monitor
Measures Two Remote Diode Temperatures, ±1°C Accuracy, 0.06°C Resolution,
±2°C Internal Temperature Sensor, I2C Interface,
LTC2909
Precision Triple/Dual Input UV, OV and Negative Voltage
Monitor
Two Adjustable Inputs, ±1.5% Accuracy, 6.5V Shunt Regulator
LTC2919
Precision Triple/Dual Input UV, OV and Negative Voltage
Monitor
Two Adjustable Inputs, ±1.5% Accuracy, 6.5V Shunt Regulator, Open-Drain/RST,
OUT1 and OUT2 Outputs
LTC6078
LTC6078 Micropower Precision, Dual/Quad CMOS
Rail-to-Rail Input/Output Amplifiers
Maximum Offset Voltage of 25μV (25°C), Maximum Offset Drift of 0.7μV/°C,
Maximum Input Bias of 1pA (25°C) to 50pA (≤85°C)
LTC6079
Micropower Precision, Dual/Quad CMOS Rail-to-Rail
Input/Output Amplifiers
Maximum Offset Voltage of 25μV (25°C), Maximum Offset Drift of 0.7μV/°C,
Maximum Input Bias of 1pA (25°C) to 50pA (≤85°C)
Figure 17. Thermocouple Thermometer with Cold Junction Compensation
5V
D+
D–
LTC2997
VCC
VREF
VPTAT
GND
0.1μF
2997 F17
1.3k
5V
TYPE K
THERMOCOUPLE
OUT = 4mV/K
127k
5.6pF
10k
–
+
LTC6078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com