Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2997 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2997
Description  Remote/Internal Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2997 Datasheet(HTML) 3 Page - Linear Technology

  LTC2997 Datasheet HTML 1Page - Linear Technology LTC2997 Datasheet HTML 2Page - Linear Technology LTC2997 Datasheet HTML 3Page - Linear Technology LTC2997 Datasheet HTML 4Page - Linear Technology LTC2997 Datasheet HTML 5Page - Linear Technology LTC2997 Datasheet HTML 6Page - Linear Technology LTC2997 Datasheet HTML 7Page - Linear Technology LTC2997 Datasheet HTML 8Page - Linear Technology LTC2997 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2997
3
2997fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
2.5
3.3
5.5
V
UVLO
Supply Undervoltage Lockout Threshold
VCC Falling
l
1.7
1.9
2.1
V
ICC
Average Supply Current
l
120
170
250
μA
Temperature Monitoring
VREF
Reference Voltage
LTC2997
LTC2997C
LTC2997I
LTC2997H
l
l
l
1.797
1.793
1.790
1.787
1.8
1.8
1.8
1.8
1.803
1.804
1.807
1.808
V
V
V
V
VREF Load Regulation Error
ILOAD = ±200μA; VCC = 3.3V
l
±1.5
mV
Remote Sense Current
–8
–192
μA
Diode Select Threshold
(Note 3)
l VCC – 600 VCC – 300 VCC – 100
mV
TUPDATE
Temperature Update Interval
3.5
5
ms
KT
VPTAT Slope
η = 1.004 (Note 4)
4
mV/°K
VPTAT Load Regulation
ILOAD = ±200μA; VCC = 3.3V (Note 7)
±1.5
mV
TINT
Internal Temperature Error
LTC2997C, LTC2997I
LTC2997H
l
l
±0.5
±1.5
±2
°C
°C
TRMT
Remote Temperature Error,
η = 1.004
0°C to 100°C (Notes 5, 7)
–40°C to 0°C (Notes 5, 7)
100°C to 125°C (Notes 5, 7)
±0.25
±0.25
±1
±1.5
±1.5
°C
°C
°C
TVCC
Temperature Error vs Supply
2.5V ≤ VCC ≤ 5.5V
l
±0.1
±1
°C/V
TRS
Series Resistance Cancellation Error
RSERIES = 100Ω
l
±0.25
±1
°C
Temperature Noise
(Note 6)
0.25
0.015
°C RMS
°C/√Hz
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.3V, unless otherwise noted.
Note 3: If voltage on pin D+ exceeds the diode select threshold the
LTC2997 uses the internal diode sensor.
Note 4:
η = ideality factor of remote diode
Note 5: Remote diode temperature.
Note 6: Guaranteed by design and not subject to test.
Note 7: Guaranteed by design and test correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com