Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6376 Datasheet(PDF) 9 Page - NEC

Part # UPD6376
Description  AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6376 Datasheet(HTML) 9 Page - NEC

Back Button UPD6376 Datasheet HTML 5Page - NEC UPD6376 Datasheet HTML 6Page - NEC UPD6376 Datasheet HTML 7Page - NEC UPD6376 Datasheet HTML 8Page - NEC UPD6376 Datasheet HTML 9Page - NEC UPD6376 Datasheet HTML 10Page - NEC UPD6376 Datasheet HTML 11Page - NEC UPD6376 Datasheet HTML 12Page - NEC UPD6376 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
µPD6376
9
4. ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
–0.3 to +7.0
V
Output pin voltage
VOUT
–0.3 to VDD+0.3
V
Logic input voltage
VIN
–0.3 to VDD+0.3
V
Operating ambient temperature
TA
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, the device
reliability may be impaired. The absolute maximum ratings are values that may physically
damage the product. Be sure to use the product within the ratings.
Recommended Operating Range
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Logic input voltage (High)
VIH
0.7VDD
VDD
V
Logic input voltage (Low)
VIL
0
0.3VDD
V
Operating temperature range
TA
–20
+25
+75
°C
Output load resistance
RL
R.OUT or L.OUT pin
5
k
Ω
Conversion frequency
fS
400
kHz
Clock frequency
fCLK
10
MHz
Clock pulse width
fSCK
40
ns
SI, LRCK set time
tDC
12
ns
SI, LRCK hold time
tCD
12
ns
Electrical Characteristics (TA = 25
°C, VDD = +5 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Resolution
RES
16
Bit
Total harmonic distortion 1
THD1
fIN = 1 kHz, 0 dB
0.04
0.09
%
Total harmonic distortion 2
THD2
fIN = 1 kHz, –20 dB
0.1
0.3
%
Full-scale output voltage
VFS
2.0
2.3
Vp-p
Cross talk
C.T
0 dB per channel, fIN = 1 kHz
85
95
dB
S/N ratio
S/N
JIS-A
96
dB
Dynamic range
D.R
fIN = 1 kHz, –60 dB
92
dB
Circuit current
IDD
fIN = 1 kHz, 0 dB
6.0
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com