Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6376 Datasheet(PDF) 16 Page - NEC

Part # UPD6376
Description  AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6376 Datasheet(HTML) 16 Page - NEC

Back Button UPD6376 Datasheet HTML 12Page - NEC UPD6376 Datasheet HTML 13Page - NEC UPD6376 Datasheet HTML 14Page - NEC UPD6376 Datasheet HTML 15Page - NEC UPD6376 Datasheet HTML 16Page - NEC UPD6376 Datasheet HTML 17Page - NEC UPD6376 Datasheet HTML 18Page - NEC UPD6376 Datasheet HTML 19Page - NEC UPD6376 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
µPD6376
16
8. RECOMMENDED SOLDERING CONDITIONS
The following conditions must be met when performing soldering for the
µPD6376.
For more detailed information, refer to the information document Semiconductor Device Mounting Technology
Manual (C10535E).
For soldering methods and conditions other than the recommended conditions, please consult with an NEC sales
representative.
Surface Mount Type Soldering Conditions
µPD6376GS: 16-pin Plastic SOP (300 mil)
Soldering Process
Soldering Conditions
Symbol
Infrared reflow
Peak package temperature: 230
°C, Time: 30 seconds max. (at 210°C or higher),
IR30-00-1
Count: Once
VPS
Peak package temperature: 215
°C, Time: 40 seconds max. (at 200°C or higher),
VP-15-00-1
Count: Once
Pin Partial heating
Pin temperature: 300
°C or less, Time: 3 seconds max. (per pin row)
––
Caution Do not use different soldering methods together (except for pin partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com