Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6376 Datasheet(PDF) 1 Page - NEC

Part # UPD6376
Description  AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6376 Datasheet(HTML) 1 Page - NEC

  UPD6376 Datasheet HTML 1Page - NEC UPD6376 Datasheet HTML 2Page - NEC UPD6376 Datasheet HTML 3Page - NEC UPD6376 Datasheet HTML 4Page - NEC UPD6376 Datasheet HTML 5Page - NEC UPD6376 Datasheet HTML 6Page - NEC UPD6376 Datasheet HTML 7Page - NEC UPD6376 Datasheet HTML 8Page - NEC UPD6376 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD6376
AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
The
µPD6376 is an audio 2-channel 16-bit D/A converter.
The
µPD6376 has low sound quality deterioration by employing the resistor string configuration and 0-point offset,
and low power consumption by using the CMOS process. It operates on a single 5-V power supply, and it is pin-
compatible with the
µPD6372 when Pin 1 is low level or open.
FEATURES
•
Single 5-V power supply
•
CMOS structure
•
On-chip output operational amplifier circuit
•
On-chip 0-point offset circuit
•
Resistor string configuration
•
8 fS (2 ch
× 400 kHz) supported
•
On-chip 2-channel DAC
•
L-R in-phase output
ORDERING INFORMATION
Part Number
Package
µPD6376GS
16-pin plastic SOP (300 mil)
The information in this document is subject to change without notice.
The mark
shows major revised points.
Document No. S12799EJ5V0DS00 (5th edition)
(Previous No. IC-2531)
Date Published December 1997 N
Printed in Japan
1991


Similar Part No. - UPD6376

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6376 RENESAS-UPD6376 Datasheet
249Kb / 22P
MOS INTEGRATED CIRCUIT
1991
UPD6376GS RENESAS-UPD6376GS Datasheet
249Kb / 22P
MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD6376

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6379 NEC-UPD6379 Datasheet
119Kb / 16P
2-CHANNEL 16-BIT D/A CONVERTER FOR AUDIO APPLICATION
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
16-bit stereo D / A converter for audio applications
logo
Sanyo Semicon Device
LC78815M SANYO-LC78815M Datasheet
188Kb / 10P
TWO-Channel, 16-bit D/A Converter for Digital Audio Applications
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
16-Bit D/A Converter for Digital Audio?
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
16-bit A/D Converter?
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
logo
fujitsu semiconductor
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
2-Channel 8-BIT D/A Converter
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
Unisonic Technologies
M1725 UTC-M1725 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com