Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1709 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 19Page - STMicroelectronics AN1709 Datasheet HTML 20Page - STMicroelectronics AN1709 Datasheet HTML 21Page - STMicroelectronics AN1709 Datasheet HTML 22Page - STMicroelectronics AN1709 Datasheet HTML 23Page - STMicroelectronics AN1709 Datasheet HTML 24Page - STMicroelectronics AN1709 Datasheet HTML 25Page - STMicroelectronics AN1709 Datasheet HTML 26Page - STMicroelectronics AN1709 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
3.1.3.3 Internal Circuitry: Digital I/O pin
Figure 14. shows a schematic representation of an ST Microcontroller pin able to operate ei-
ther as an input or as an output is shown. The circuitry implements a standard input buffer and
a push-pull configuration for the output buffer. It is evident that although it is possible to disable
the output buffer when the input section is used, the MOS transistors of the buffer itself can still
affect the behaviour of the pin when exposed to illegal conditions. In fact, the P-channel tran-
sistor of the output buffer implements a direct diode to VDD (P-diffusion of the drain connected
to the pin and N-well connected to VDD), while the N-channel of the output buffer implements
a diode to VSS (P-substrate connected to VSS and N-diffusion of the drain connected to the
pin). In parallel to these diodes, dedicated circuitry is implemented to protect the logic from
ESD events (MOS, diodes and input series resistor).
The most important characteristic of these extra devices is that they must not disturb normal
operating modes, while acting during exposure to over limit conditions, avoiding permanent
damage to the logic circuitry.
According to the MCU used, some I/O pins can be programmed to work also as open-drain
outputs, by simply writing in the corresponding register of the I/O Port. The gate of the P-
channel of the output buffer is disabled: it is important to highlight that physically the P-channel
transistor is still present, so the diode to VDD works. In some applications it can occur that the
voltage applied to the pin is higher than the VDD value (supposing the external line is kept
high, while the Microcontroller power supply is turned off): this condition will inject current
through the diode, risking permanent damages to the device.
In any case, programming I/O pins as open-drain can help when several pins in the system
are tied to the same point: of course software must pay attention to program only one of them
as output at any time, to avoid output driver contentions; it is advisable to configure these pins
as output open-drain in order to reduce the risk of current contentions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com