Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1709 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1709 Datasheet HTML 1Page - STMicroelectronics AN1709 Datasheet HTML 2Page - STMicroelectronics AN1709 Datasheet HTML 3Page - STMicroelectronics AN1709 Datasheet HTML 4Page - STMicroelectronics AN1709 Datasheet HTML 5Page - STMicroelectronics AN1709 Datasheet HTML 6Page - STMicroelectronics AN1709 Datasheet HTML 7Page - STMicroelectronics AN1709 Datasheet HTML 8Page - STMicroelectronics AN1709 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
2 EMC CHARACTERIZATION OF ST MICROCONTROLLERS
2.1 ELECTROMAGNETIC SUSCEPTIBILITY (EMS)
Two different type of tests are performed:
s
Tests with device power-supplied (Functional EMS tests & Latch-up): The device behaviour
is monitored during the stress.
s
One test with device not powered supplied (Absolute Electrical Sensitivity): The device
functionality and integrity is checked on tester after stress.
2.1.1 Functional EMS test
Functional Tests are performed to measure the robustness of ST Microcontrollers running in
an application. Based on a simple program (toggling 2 LEDs through I/O ports), the product is
stressed by 2 different EMC events until a run-away condition (failure) occurs.
2.1.1.1 Functional ElectroStatic Discharge Test (F_ESD Test)
This test is performed on any new microcontroller devices.Each pin is tested individually with
a single positive or negative electrical discharge.This allows failures investigations inside the
chip and further application recommendations to protect the concerned Microcontroller sensi-
tive pins against ESD.
High static voltage has both natural and man made origins. Some specific equipment can re-
produce this phenomenon in order to test the device under real conditions. Equipment, test
sequence and standards are described here below.
ST Microcontroller F_ESD qualification test uses standards given in Table 1 as reference.
Table 1. ESD standards
AEC-Q100-REUE is the Automotive controlling document.
F_ESD tests uses a signal source and a power amplifier to generate a high level field into The
Microcontroller. The insulator is using a conical tip. This tip is placed on the Device or Equip-
ment Under Test (DUT or EUT) and an electrostatic discharge is applied (see Figure 1.).
EUROPEAN NORM
INTERNATIONAL NORM
DESCRIPTION
EN 61000-4-2
IEC 1000-4-2
Conducted ESD test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com