Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2009 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 3Page - STMicroelectronics AN2009 Datasheet HTML 4Page - STMicroelectronics AN2009 Datasheet HTML 5Page - STMicroelectronics AN2009 Datasheet HTML 6Page - STMicroelectronics AN2009 Datasheet HTML 7Page - STMicroelectronics AN2009 Datasheet HTML 8Page - STMicroelectronics AN2009 Datasheet HTML 9Page - STMicroelectronics AN2009 Datasheet HTML 10Page - STMicroelectronics AN2009 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
3 SENSORLESS CONTROL METHODS
In order to make the BEMF signal readable by the microcontroller and to detect the zero-
crossing voltage of this signal, there are two main methods which we will call the classic
method for the first one and the ST method for the second. The ST7FMC microcontroller is
suitable for both methods. Each method is declinable in sub-method and the ST7MC allows
complete flexibility on which sub-method to use. Please refer to the Application Note AN1946
for a complete view and details on all the methods as this document briefly covers only the 2
main methods.
3.1 CLASSIC METHOD
The classic method involves dividing and filtering the signal coming from the non-powered
phase to make it readable by the 5V microcontroller as shown in Figure 5. A virtual ground is
built and is used as the voltage reference to detect the zero-crossing event of the BEMF
signal. With this method, the PWM signal which is logically ANDed with the switch control
signal can be applied either on the high or on the low side switches as explained in the next
section. The ST7MC is able to detect the BEMF zero-crossing signal during either the PWM
signal ON time or OFF time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com