Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2009 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 30Page - STMicroelectronics AN2009 Datasheet HTML 31Page - STMicroelectronics AN2009 Datasheet HTML 32Page - STMicroelectronics AN2009 Datasheet HTML 33Page - STMicroelectronics AN2009 Datasheet HTML 34Page - STMicroelectronics AN2009 Datasheet HTML 35Page - STMicroelectronics AN2009 Datasheet HTML 36Page - STMicroelectronics AN2009 Datasheet HTML 37Page - STMicroelectronics AN2009 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
34/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
7.3 REGISTERS CONFIGURATION TO ACCELERATE THE DEMAGNETIZATION.
The ST7MC allows you to program different PWM configurations in sensorless mode. In
sensor mode, the demagnetization event is useless as the feedback information is not read
from the windings.
In order to minimize the demagnetization time in sensorless mode, the ST7MC allows you to
modify the PWM direction between the step commutation and the end of demagnetization.
In sensorless mode the OS2 bit in register MCRB enables the PWM on the high side or low
side channels between the commutation and the demagnetization event.
Table 3. OS bits in MCRB register
D event: Demagnetization
C event: Commutation
Z event: BEMF zero voltage crossing event
OS2 bit
PWM after C and
before D
OS1 bit
PWM after D and
before Z
OS0
PWM after Z and
before next C
0
On High Channels
0
On High Channels
0
On high
channels
1
On low
channels
1
On Low Channels
0
On high
channels
1
On low
channels
1
On Low Channels
0
On High Channels
0
On high
channels
1
On low
channels
1
On Low Channels
0
On high
channels
1
On low
channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com