| Electronic Components Datasheet Search |
|
AN2009 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2009 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 39 page ![]() 18/39 PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC Table 2. off time table 4.3 SUMMARY VOLTAGE/CURRENT MODE In voltage mode, the 12-bit timer PWM signal (compare U register) gives the voltage to be ap- plied to the motor. This PWM signal is applied to the switches. The internal clock is not used in this mode. A current limitation is implemented in voltage mode. The current limitation can be set by an ex- ternal divider resistor or by an other PWM signal filtered. In current mode, the 12-bit timer PWM signal gives the reference current to be applied to the motor. This signal has to be filtered by an external RC. The internal clock is used and the PWM signal from the internal clock is applied to the switches. In current mode, the current is regulated by comparing the reference current and the feedback current from the motor. OT3 OT2 OT1 OT0 Off Time sensorless mode (SR=0) (DS[3:0]=0) Sensor Mode (SR=1) or sampling during ON time in sensorless (SPLG =1 and/or DS[3:0] bits) 0 0 0 0 2.5 µs No minimum off time 0 0 0 1 5 µs 0 0 1 0 7.5 µs 0 0 1 1 10 µs 0 1 0 0 12.5 µs 0 1 0 1 15 µs 0 1 1 0 17.5 µs 0 1 1 1 20 µs 1 0 0 0 22.5 µs 1 0 0 1 25 µs 1 0 1 0 27.5 µs 1 0 1 1 30 µs 1 1 0 0 32.5 µs 1 1 0 1 35 µs 1 1 1 0 37.5 µs 1 1 1 1 40 µs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |