Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2035 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2035
Description  Control of whisker growth in Tin alloy coatings
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2035 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2035 Datasheet HTML 2Page - STMicroelectronics AN2035 Datasheet HTML 3Page - STMicroelectronics AN2035 Datasheet HTML 4Page - STMicroelectronics AN2035 Datasheet HTML 5Page - STMicroelectronics AN2035 Datasheet HTML 6Page - STMicroelectronics AN2035 Datasheet HTML 7Page - STMicroelectronics AN2035 Datasheet HTML 8Page - STMicroelectronics AN2035 Datasheet HTML 9Page - STMicroelectronics AN2035 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AN2035 - Application note
6/11
The beneficial effects of the 150°C bake can be seen in the whisker test results shown in
Figure 3. Regardless of the plating thickness none of the samples had grown whiskers after
400 days of storage at room temperature.
Figure 3.
Protection by post-bake treatment (1 hour at 150°C)
Figure 4.
Protection by thickness
The above whisker mitigation techniques have been agreed with all subcontractors and are
therefore applied to all ST products.
A “Whisker Risk Free” coating does not develop whiskers that can impact electrical
performance, or component reliability. The E4 have chosen 50µm as the maximum whisker
length at the end of the device life (at the end of whisker assessment tests).
Time (in days)
1.82µm
3.5µm
5.35µm
7.10µm
10.10µm
Time (in days)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com