Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2035 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2035
Description  Control of whisker growth in Tin alloy coatings
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2035 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2035 Datasheet HTML 3Page - STMicroelectronics AN2035 Datasheet HTML 4Page - STMicroelectronics AN2035 Datasheet HTML 5Page - STMicroelectronics AN2035 Datasheet HTML 6Page - STMicroelectronics AN2035 Datasheet HTML 7Page - STMicroelectronics AN2035 Datasheet HTML 8Page - STMicroelectronics AN2035 Datasheet HTML 9Page - STMicroelectronics AN2035 Datasheet HTML 10Page - STMicroelectronics AN2035 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Whisker assessment and process qualification
AN2035 - Application note
8/11
STMicroelectronics along with their E4 partners have continued to study the Matte Tin-
plating process and the various stresses used to evaluate these processes.
●
Test Set #1 (started Jan 2004) completed with final readout at 9360 hrs (13
months)
–
Package : QFP 176L Cu leadframes
–
Plated in Muar plant
–
Solder thickness > 7µm
–
Maximum whisker length after 2000 TC (thermal cycles) single whiskers on 1 unit
(27 micron length)
–
Maximum whisker length after 9360 hrs (13 months) at 60°C/93%RH, 1 single
whiskers on 1 unit (25 micron length) without associated corrosion.
–
No whiskers observed at ambient storage after 9360 hrs (13 months).
●
Test Set # 2 (started April 2004) completed with final readout at 3600 hrs (5
months)
–
Package: QFP10 x10 Cu Leadframe
–
Plated in Malta
–
Solder thickess > 7µm
–
Mounting on board with SAC solder paste at 250°C max solder reflow temperature
–
Maximum whisker length after 3096 hrs (5 months) at 60°C/93% RH, 1 single
whisker on 1 unit (10 micron length).
●
Test Set # 3 (started April 2004), completed with final readout at 3600 hrs (5
months)
–
Package: QFP14 x14 Cu Leadframe
–
Plated in Muar
–
Solder thickess > 7µm
–
Mounting on board simulated at 215°C max solder reflow temperature
–
Maximum whisker length after 3689 hrs (6 months) at 60°C/93% RH, no whiskers
in all tests.
●
Test Set # 4 (started Nov. 2004), actual read out 6700 hrs ( 9 months)
–
Package: Power SO36L (#2 pcs), Power So20L (#1 pc), DPak (#2 pcs)
–
Plated in Muar and Shenzhen plant (2 different chemicals)
–
Solder thickness > 7µm
–
Mounted on Board with SAC solder paste (NO clean flux)
–
NO whiskers found after 6700 hrs exposure at 60°C/93%RH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com