Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2035 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2035
Description  Control of whisker growth in Tin alloy coatings
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2035 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2035 Datasheet HTML 1Page - STMicroelectronics AN2035 Datasheet HTML 2Page - STMicroelectronics AN2035 Datasheet HTML 3Page - STMicroelectronics AN2035 Datasheet HTML 4Page - STMicroelectronics AN2035 Datasheet HTML 5Page - STMicroelectronics AN2035 Datasheet HTML 6Page - STMicroelectronics AN2035 Datasheet HTML 7Page - STMicroelectronics AN2035 Datasheet HTML 8Page - STMicroelectronics AN2035 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2006
Rev. 2
1/11
AN2035
Application note
Control of whisker growth in Tin alloy coatings
1
Nature of whiskers and whisker mitigation
techniques
Some metals show an unusual metallurgical phenomenon: a single, microscopic crystal
filament of the metal grows “spontaneously” from its surface. The metals concerned include
Zinc, Cadmium, Silver, Tin and some of their alloys. Because of their likeness to microscopic
hair, these tiny filaments are commonly referred to as “whiskers”.
Scientists believe that whisker growth is mainly due to internal compressive stresses near
the metal surface. Under certain conditions the internal stress can reach a critical level,
leading to the formation of whiskers as a way of reducing the system’s internal energy.
Owing to their excellent electrical properties and solderability, and their low cost, pure Tin-
plated surfaces have been used for many decades by the electronics industry. Hundreds of
billions (trillions by some estimates taking passives and discretes into account) of
components have been supplied with pure Tin-plated surface finishes. On top of their low
cost, these components operate well and are highly reliable. Only does the occasional
occurrence of reliability problems caused by Tin whiskers tarnish their reputation. An easy
fix to whisker problems was found, that consisted in adding small amounts of Lead (Pb) – as
low as 3% – to the plating. In so doing, the growth of whiskers was effectively prevented.
With the recent European Directive to eliminate Lead from electronic products, there is a
renewed interest in Tin and its alloys as a replacement for Lead-bearing alloys. A better
understanding of the factors which influence whisker formation and the application of new
techniques to control these factors, along with the introduction of modern plating chemistries
and processes, allow the electronics industry to pursue this return to pure Tin-plating
surface finishes. Since whisker growth is mainly caused by internal compressive stresses, a
number of strategies have been developed to prevent stress development within the Tin-
plated film. Internal stress in Tin-plated films may originate from a number of causes, among
which are:
a)
co-deposited impurities, e.g. organics
b)
atomic defects, such as those caused by improper plating parameters
c)
creation of new phases leading to local volume changes. These may be caused by
either metallurgical or chemical reactions.
d)
thermal stress caused by mismatches in the Coefficients of Thermal Expansion
(CTE) between the Tin film and the base metal (and/or additional films beneath
the Tin film).
www.st.com


Similar Part No. - AN2035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2030 STMICROELECTRONICS-AN2030 Datasheet
346Kb / 13P
BACK EMF DETECTION DURING PWM ON TIME BY ST7MC
16-Jul-2007
AN2031 STMICROELECTRONICS-AN2031 Datasheet
210Kb / 12P
EVALUATION BOARD DESCRIPTION
Jul-2005
AN2036 STMICROELECTRONICS-AN2036 Datasheet
261Kb / 7P
Solderability Tests
08-Nov-2004
AN2038 STMICROELECTRONICS-AN2038 Datasheet
295Kb / 23P
I2C emulation with ST7MC in slave mode
13-Jun-2006
More results

Similar Description - AN2035

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-8-15-20-76-14-11-0 MILL-MAX-0900-8-15-20-76-14-11-0 Datasheet
112Kb / 3P
Properties of BRASS ALLOY
logo
List of Unclassifed Man...
MHI0402C5N6ST-PB ETC2-MHI0402C5N6ST-PB Datasheet
490Kb / 3P
Tin Whisker Mitigation Process
logo
TT Electronics.
ASC TTELEC-ASC Datasheet
183Kb / 2P
Special construction resists sulphide growth
logo
CONEC Elektronische Bau...
6STD09SCT99S40X CONEC-6STD09SCT99S40X Datasheet
209Kb / 3P
METALSHELLS:COPPER ALLOY;MIN. 320u TIN
6STD09PCM99B30X CONEC-6STD09PCM99B30X Datasheet
98Kb / 1P
METALSHELLS:COPPER ALLOY;MIN. 320u TIN
6STD09SCM99B30X CONEC-6STD09SCM99B30X Datasheet
99Kb / 1P
METALSHELLS:COPPER ALLOY;MIN. 320u TIN
logo
3M Electronics
EC-776 3M-EC-776 Datasheet
80Kb / 6P
3M Fuel Resistant Coatings
logo
Festo Corporation.
3876 FESTO-3876 Datasheet
71Kb / 1P
Whisker valve
4/8/22
3877 FESTO-3877 Datasheet
72Kb / 1P
Whisker valve
4/8/22
logo
List of Unclassifed Man...
ED-IOTHOTSPOT-PI4-EU ETC-ED-IOTHOTSPOT-PI4-EU Datasheet
405Kb / 1P
Supporting the Growth of People-Powered-Networks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com