Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2100 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2100
Description  STR71x microcontroller power management
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2100 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2100 Datasheet HTML 3Page - STMicroelectronics AN2100 Datasheet HTML 4Page - STMicroelectronics AN2100 Datasheet HTML 5Page - STMicroelectronics AN2100 Datasheet HTML 6Page - STMicroelectronics AN2100 Datasheet HTML 7Page - STMicroelectronics AN2100 Datasheet HTML 8Page - STMicroelectronics AN2100 Datasheet HTML 9Page - STMicroelectronics AN2100 Datasheet HTML 10Page - STMicroelectronics AN2100 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN2100
Clock management
7/23
If the MCLK clock divider is set to a prescaling value other than 1 (i.e. if RCLK frequency
differs from MCLK), it is not possible to access the RCCU registers since they are always
clocked by RCLK.
For non-intensive operations, PLL1 may be disabled; in addition CLK2 may be divided by a
factor of 16, to allow low-power operation while maintaining fast interrupt response.
System blocks (ARM7TDMI®, PRCCU, on-chip memories and bridges) are driven by MCLK
(Bus clock) and cannot be disabled by software in order to guarantee basic functionality.
A 32 kHz oscillator is present to maintain a real-time-clock (RTC), with programmable
WAKEUP alarm. It may be deactivated if not required; when active it is not influenced by any
low-power-mode switch.
The HDLC peripheral can optionally receive its reference clock from an external pin, and
may dynamically change its frequency independently from CPU operation. An internal PLL
(PLL2) allows the use of a low-frequency external signal, thus reducing power consumption
and generated noise.
The USB Interface needs a precise 48 MHz clock reference. This may be generated either
externally through the USBCLK pin, or by the internal PLL2, multiplying an external
reference at lower speed, if PLL2 is not used by the HDLC interface.
If the USB interface is not used, set bits 0, 1 and 2 in the PCU_PLL2CR register to switch off
PLL2 (and reduce power consumption).
To reduce power consumption, bits 0, 1 and 3 in the RCCU_PER register must be reset by
the application software in the initialization phase. These bits are enabled by hardware at
reset for factory test purposes only.
2.1
Peripheral clock gating
It is possible to disable a peripheral clock by setting its corresponding bit in the APB Clock
Disable Register (APBn_CKDIS). Refer to the APB Bridge Registers section in the STR71x
reference manual.
The EMI and the USB Kernel clocks are stopped by resetting the corresponding bits in the
RCCU_PER register.
Caution:
After a device reset, to avoid extra power consumption, bits 0, 1 and 3 must be reset in the
RCCU_PER register in order to disable the reserved clocks used only for factory test
purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com