Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2100
Description  STR71x microcontroller power management
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2100 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2100 Datasheet HTML 1Page - STMicroelectronics AN2100 Datasheet HTML 2Page - STMicroelectronics AN2100 Datasheet HTML 3Page - STMicroelectronics AN2100 Datasheet HTML 4Page - STMicroelectronics AN2100 Datasheet HTML 5Page - STMicroelectronics AN2100 Datasheet HTML 6Page - STMicroelectronics AN2100 Datasheet HTML 7Page - STMicroelectronics AN2100 Datasheet HTML 8Page - STMicroelectronics AN2100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Power supply
AN2100
4/23
1.2
Internal regulators
Figure 2 provides a schematic view of the power management block of the STR71x.
Figure 2.
Power management block
1.
In normal operation, the switch connecting the V18 domain and the V18BKP domain is closed, it is opened
only during STANDBY mode (refer to Section 4)
1.2.1
Main voltage regulator (MVR)
The Main Voltage Regulator (MVR) is able to generate sufficient current for the device to
operate in any mode through ballast P-channel transistors located inside the I/O ring. It
includes a bandgap reference for thermal compensation and it has a static power
consumption of 100 µA (typical).
Note:
1
The MVR is automatically switched off in Standby mode.
2
The MVR can be configured (using the LPVRWFI bit in the PCU_PWRCR register) to
automatically switch off when the device enters Stop mode or LPWFI mode, leaving the Low
Power VR as the only power supply.
3
The MVR can be switched off using the VRBYP bit in the PCU_PWRCR register, In this
configuration the device is only powered by the Low Power VR, the maximum allowed
operation frequency is 1 MHz and the PLL is disabled.
4
When the VROK bit in the PCU_PWRCR register is set by hardware this indicates that the
main regulator output voltage is stabilized at the specification value.
A/D converter
Low Power Voltage Regulator
VDDA
V18
V18BKP
VSSA
V33
Main Voltage Regulator
StandbyMode I/Os
I/Os
Core
V18
3.3 V
RTC and Standby Logic
Backup Block
V18BKP
V33
32 kHz Oscillator
See note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com