Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2100
Description  STR71x microcontroller power management
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2100 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2100 Datasheet HTML 1Page - STMicroelectronics AN2100 Datasheet HTML 2Page - STMicroelectronics AN2100 Datasheet HTML 3Page - STMicroelectronics AN2100 Datasheet HTML 4Page - STMicroelectronics AN2100 Datasheet HTML 5Page - STMicroelectronics AN2100 Datasheet HTML 6Page - STMicroelectronics AN2100 Datasheet HTML 7Page - STMicroelectronics AN2100 Datasheet HTML 8Page - STMicroelectronics AN2100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AN2100
Power supply
3/23
1
Power supply
1.1
Power supply pins
Figure 1 shows the recommended configuration for the power supply pins:
●
V33 is the 3.3 V main power supply pin. (V33 and V33IO-PLL are internally linked).
●
V18 must be connected to a capacitor of at least 10µF (Tantalum) + 33nF (ceramic) in
order to guarantee the stability of the 1.8 V supply to the core.
●
V18BKP can be used to provide an external 1.8 V supply to the backup block (RTC and
Wake-up logic) when bypassing the internal voltage regulator during STANDBY mode.
Caution:
In STANDBY mode, when using an external 1.8 V on V18BKP, the V33 pin must remain
connected to the 3.3V supply.
Figure 1.
STR71x power supply pins
1.
When not using an external 1.8 V on the V18BKP pin, a 1 µF capacitor must be connected between this pin
and VSSBKP to guarantee on-chip voltage stability.
2.
Connecting an external 1.8 V supply to the V18 pins is not supported.
STR71x
V33
V18
V18BKP
VSS
VSSBKP
VSS18
10µF
33nF
VSSBKP
1µF
VSS
1.8 V
V33IO-PLL
VSSIO-PLL
3.3 V
(Note 1)
optional
VSS18
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com