Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4150 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4150
Description  Coulomb Counter/ Battery Gas Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4150 Datasheet HTML 6Page - Linear Technology LTC4150 Datasheet HTML 7Page - Linear Technology LTC4150 Datasheet HTML 8Page - Linear Technology LTC4150 Datasheet HTML 9Page - Linear Technology LTC4150 Datasheet HTML 10Page - Linear Technology LTC4150 Datasheet HTML 11Page - Linear Technology LTC4150 Datasheet HTML 12Page - Linear Technology LTC4150 Datasheet HTML 13Page - Linear Technology LTC4150 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC4150
14
4150fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT 0210 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
1.1Ω
1.2Ω
100mΩ
SENSE RESISTANCE = 0.0852Ω
IMAX = 588mA
10,000 PULSES = 1Ah
+
INT
SENSE+
SENSE–
CLR
4150 F09
LTC4150
CD40110B
CD40110B
CD40110B
CD40110B
CD40110B
LOAD
CHARGER
Figure 9. Ampere-Hour Gauge
PART NUMBER
DESCRIPTION
COMMENTS
LTC1732
Lithium-Ion Linear Battery Charger Controller
Simple Charger uses External FET, Features Preset Voltages, C/10 Charger
Detection and Programmable Timer, Input Power Good Indication
LTC1733
Monolithic Lithium-Ion Linear Battery Charger
Standalone Charger with Programmable Timer, Up to 1.5A Charge Current
LTC1734
Lithium-Ion Linear Battery Charger in ThinSOT™
Simple ThinSOT Charger, No Blocking Diode, No Sense Resistor Needed
LTC1734L
Lithium-Ion Linear Battery Charger in ThinSOT
Low Current Version of LTC1734
LTC1998
Lithium-Ion Low Battery Detector
1% Accurate 2.5μA Quiescent Current, SOT-23
LTC4006
Small, High Efficiency, Fixed Voltage,
Lithium-Ion Battery Charger
Constant-Current/Constant Voltage Switching Regulator with Termination
Timer, AC Adapter Current Limit and Thermistor Sensor in a Small 16-Pin
Package
LTC4050
Lithium-Ion Linear Battery Charger Controller
Simple Charger uses External FET, Features Preset Voltages, C/10 Charger
Detection and Programmable Timer, Input Power Good Indication,
Thermistor Interface
LTC4052
Monolithic Lithium-Ion Battery Pulse Charger
No Blocking Diode or External Power FET Required, Safety Current Limit
LTC4053
USB Compatible Monolithic Lithium-Ion Battery Charger
Standalone Charger with Programmable Timer, Up to 1.25A Charge Current
LTC4054
800mA Standalone Linear Lithium-Ion Battery Charger
with Thermal Regulation in ThinSOT
No External MOSFET, Sense Resistor or Blocking Diode Required, Charge
Current Monitor for Gas Gauging, C/10 Charge Termination
LTC4410
USB Power Manager
For Simultaneous Operation of USB Peripheral and Battery Charging from
USB Port, Keeps Current Drawn from USB Port Constant, Keeps Battery
Fresh, Use with the LTC4053, LTC1733, LTC4054
LTC4412
PowerPath™ Controller in ThinSOT
More Efficient Diode OR’ing, Automatic Switching Between DC Sources,
Simplified Load Sharing, 3V ≤ VIN ≤ 28V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com