Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4150 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4150
Description  Coulomb Counter/ Battery Gas Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4150 Datasheet HTML 2Page - Linear Technology LTC4150 Datasheet HTML 3Page - Linear Technology LTC4150 Datasheet HTML 4Page - Linear Technology LTC4150 Datasheet HTML 5Page - Linear Technology LTC4150 Datasheet HTML 6Page - Linear Technology LTC4150 Datasheet HTML 7Page - Linear Technology LTC4150 Datasheet HTML 8Page - Linear Technology LTC4150 Datasheet HTML 9Page - Linear Technology LTC4150 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC4150
6
4150fc
BLOCK DIAGRAM
+
–
–
+
–
+
AMPLIFIER
CF
+
CF
SENSE+
VDD
RSENSE
IBAT
CF
–
SENSE–
2k
2k
200k
200k
100pF
200k
S2
S1
S3
SHDN
CONTROL
LOGIC
POLARITY
DETECTION
OFLOW/
UFLOW
REFHI
1.7V
REFLO
0.95V
CLR
POL
DISCHARGE
CHARGE
INT
GND
LOAD
CHARGER
COUNTER
UP/DN
R
SQ
4150 F01
8
1
3
4
2
7
10
9
6
5
Figure 1. Block Diagram
TIMING DIAGRAMS
tCLR
4150 F02
50%
CLR
INT
50%
tINT
4150 F03
50%
INT
50%
Figure 2. CLR Pulse Width to Reset INT,
CLR and INT Not Connected
Figure 3. INT Minimum Pulse Width, CLR and INT Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com