Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4150 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4150
Description  Coulomb Counter/ Battery Gas Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150 Datasheet(HTML) 3 Page - Linear Technology

  LTC4150 Datasheet HTML 1Page - Linear Technology LTC4150 Datasheet HTML 2Page - Linear Technology LTC4150 Datasheet HTML 3Page - Linear Technology LTC4150 Datasheet HTML 4Page - Linear Technology LTC4150 Datasheet HTML 5Page - Linear Technology LTC4150 Datasheet HTML 6Page - Linear Technology LTC4150 Datasheet HTML 7Page - Linear Technology LTC4150 Datasheet HTML 8Page - Linear Technology LTC4150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC4150
3
4150fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design and not tested in production.
Note 3: Measured at least 20ms after power on.
Note 4: Tested in feedback loop to SENSE+ and SENSE–.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Current
IDD
Supply Current, Operating
VDD = 8.5V
VDD = 2.7V
l
l
115
80
140
100
μA
μA
IDD(SD)
Supply Current, Shutdown
VDD = 8.5V
VDD = 5.5V
VDD = 2.7V
l
l
l
10
22
10
1.5
μA
μA
μA
AC Characteristics
GVF
Voltage to Frequency Gain
VSENSE = 50mV to –50mV,
2.7V ≤ VDD ≤ 8.5V
l
32.0
31.8
32.55
33.1
33.3
Hz/V
Hz/V
ΔGVF(VDD)
Gain Variation with Supply
2.7V ≤ VDD ≤ 8.5V
0
0.5
%/V
ΔGVF(TEMP) Gain Variation with Temperature
(Note 2)
l
–0.03
0.03
%/ºC
INL
Integral Nonlinearity
l
–0.4
–0.5
0.4
0.5
%
%
tCLR
CLR Pulse Width to Reset INT,
INT and CLR Not Connected
Figure 2
20
μs
tINT
INT Low Time, INT Connected to CLR
Figure 3, CL = 15pF
l
1μs
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 2.7V and 8.5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com