Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4232 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4232_15 Datasheet HTML 3Page - Linear Technology LTC4232_15 Datasheet HTML 4Page - Linear Technology LTC4232_15 Datasheet HTML 5Page - Linear Technology LTC4232_15 Datasheet HTML 6Page - Linear Technology LTC4232_15 Datasheet HTML 7Page - Linear Technology LTC4232_15 Datasheet HTML 8Page - Linear Technology LTC4232_15 Datasheet HTML 9Page - Linear Technology LTC4232_15 Datasheet HTML 10Page - Linear Technology LTC4232_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4232
7
4232fb
For more information www.linear.com/LTC4232
FUNCTIONAL DIAGRAM
4232 BD
20k
VDD
UV
OUT
FB
PG
GND
IMON
INTVCC
INTVCC
100µA
TIMER
FLT
+
–
ISET
GATE
SENSE
(EXPOSED PAD)
X1
CLAMP
0.6V POSITIVE
TEMPERATURE
COEFFICIENT
REFERENCE
INTERNAL 25m
MOSFET
INTERNAL 7.5m
SENSE RESISTOR
CHARGE
PUMP
AND GATE
DRIVER
f = 2MHz
OUT
3.1V
GEN
LOGIC
INRUSH
CS
CM
0.3V/ms
FOLDBACK
0.6V
2.65V
1.235V
+–
PG
1.235V
–
+
UV
0.21V
–
+
TM1
1.235V
–
+
TM2
0.62V
–
+
RST
VDD
VDD
2.73V
+
–
UVLO1
OV
1.235V
–
+
OV
2µA
UVLO2
6.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com