Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4232 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 1 Page - Linear Technology

  LTC4232_15 Datasheet HTML 1Page - Linear Technology LTC4232_15 Datasheet HTML 2Page - Linear Technology LTC4232_15 Datasheet HTML 3Page - Linear Technology LTC4232_15 Datasheet HTML 4Page - Linear Technology LTC4232_15 Datasheet HTML 5Page - Linear Technology LTC4232_15 Datasheet HTML 6Page - Linear Technology LTC4232_15 Datasheet HTML 7Page - Linear Technology LTC4232_15 Datasheet HTML 8Page - Linear Technology LTC4232_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4232
1
4232fb
For more information www.linear.com/LTC4232
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
5A Integrated Hot Swap
Controller
The LTC®4232 is an integrated solution for Hot Swap™
applications that allows a board to be safely inserted and
removed from a live backplane. The part integrates a Hot
Swap controller, power MOSFET and current sense resis-
tor in a single package for small form factor applications.
The LTC4232 provides separate inrush current control
and a 10% accurate 5A current limit with foldback cur-
rent limiting. The current limit threshold can be adjusted
dynamically using an external pin. Additional features
include a current monitor output that amplifies the sense
resistor voltage for ground referenced current sensing
and a MOSFET temperature monitor output. Thermal limit,
overvoltage, undervoltage and power good monitoring
are also provided.
TheLTC4232-1(separatedatasheet)allowsfasterturn-on
than the LTC4232 by providing 16ms debounce delay and
external control of the GATE ramp rate.
12V, 5A Card Resident Application with Auto-Retry
n
Small Footprint
n
33mΩ MOSFET with RSENSE
n
Wide Operating Voltage Range: 2.9V to 15V
n
Adjustable, 10% Accurate Current Limit
n
Current and Temperature Monitor Outputs
n
Overtemperature Protection
n
Adjustable Current Limit Timer Before Fault
n
Power Good and Fault Outputs
n
Adjustable Inrush Current Control
n
2% Accurate Undervoltage and Overvoltage Protection
n
Pin Compatible with LTC4217 (DFN Package Only)
n
Available in 16-Lead 5mm × 3mm DFN Package
n
RAID Systems
n
Server I/O Cards
n
Industrial
Power-Up Waveforms
VIN
10V/DIV
IIN
0.1A/DIV
VOUT
10V/DIV
PG
10V/DIV
25ms/DIV
4232 TA01b
CONTACT
BOUNCE
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. Hot Swap and PowerPath are trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
12V
VOUT
12V
5A
4232 TA01a
330µF
10k
VDD
ISET
TIMER
UV
INTVCC
OUT
FB
GATE
GND
PG
IMON
LTC4232DHC
OV
FLT
+
20k
1µF
ADC
107k
10k
5.23k
150k
20k
*
*DIODES INC. SMAJ22A


Similar Part No. - LTC4232_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4232-1 LINER-LTC4232-1 Datasheet
564Kb / 16P
5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
5A Integrated Hot Swap Controller
More results

Similar Description - LTC4232_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
2A Integrated Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
5A Integrated Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
2A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com