Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4232 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 3 Page - Linear Technology

  LTC4232_15 Datasheet HTML 1Page - Linear Technology LTC4232_15 Datasheet HTML 2Page - Linear Technology LTC4232_15 Datasheet HTML 3Page - Linear Technology LTC4232_15 Datasheet HTML 4Page - Linear Technology LTC4232_15 Datasheet HTML 5Page - Linear Technology LTC4232_15 Datasheet HTML 6Page - Linear Technology LTC4232_15 Datasheet HTML 7Page - Linear Technology LTC4232_15 Datasheet HTML 8Page - Linear Technology LTC4232_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4232
3
4232fb
For more information www.linear.com/LTC4232
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Inputs
IIN
OV, UV, FB Pin Input Current
V = 1.2V
l
0
±1
µA
VTH
OV, UV, FB Pin Threshold Voltage
VPIN Rising
l
1.21
1.235
1.26
V
∆VOV(HYST)
OV Pin Hysteresis
l
10
20
30
mV
∆VUV(HYST)
UV Pin Hysteresis
l
50
80
110
mV
VUV(RTH)
UV Pin Reset Threshold Voltage
VUV Falling
l
0.55
0.62
0.7
V
∆VFB(HYST)
FB Pin Power Good Hysteresis
l
10
20
30
mV
RISET
ISET Pin Internal Resistor
l
19
20
21
kΩ
Outputs
VINTVCC
INTVCC Output Voltage
VDD = 5V, 15V, ILOAD = 0mA, –10mA
l
2.8
3.1
3.3
V
VOL
PG, FLT Pin Output Low Voltage
I = 2mA
l
0.4
0.8
V
IOH
PG, FLT Pin Input Leakage Current
V = 30V
l
0
±10
µA
VTIMER(H)
TIMER Pin High Threshold
VTIMER Rising
l
1.2
1.235
1.28
V
VTIMER(L)
TIMER Pin Low Threshold
VTIMER Falling
l
0.1
0.21
0.3
V
ITIMER(UP)
TIMER Pin Pull-Up Current
VTIMER = 0V
l
–80
–100
–120
µA
ITIMER(DN)
TIMER Pin Pull-Down Current
VTIMER = 1.2V
l
1.4
2
2.6
µA
ITIMER(RATIO) TIMER Pin Current Ratio ITIMER(DN)/ITIMER(UP)
l
1.6
2
2.7
%
AIMON
IMON Pin Current Gain
IOUT = 2.5A
l
18.5
20
21.5
µA/A
IOFF(IMON)
IMON Pin Offset Current
IOUT = 150mA
l
0
±4.5
µA
IGATE(UP)
Gate Pull-Up Current
Gate Drive On, VGATE = VOUT = 12V
l
–18
–24
–29
µA
IGATE(DN)
Gate Pull-Down Current
Gate Drive Off, VGATE = 18V, VOUT = 12V
l
180
250
400
µA
IGATE(FST)
Gate Fast Pull-Down Current
Fast Turn Off, VGATE = 18V, VOUT = 12V
140
mA
AC Characteristics
tPHL(GATE)
Input High (OV), Input Low (UV) to Gate Low
Propagation Delay
VGATE < 16.5V Falling
l
8
10
µs
tPHL(ILIM)
Short-Circuit to Gate Low
VFB = 0, Step ISENSE to 6A,
VGATE < 15V Falling
l
1
5
µs
tD(ON)
Turn-On Delay
Step VUV to 2V, VGATE > 13V
l
50
100
150
ms
tD(CB)
Circuit Breaker Filter Delay Time (Internal)
VFB = 0V, Step ISENSE to 3A
l
1.3
2
2.7
ms
tD(AUTO-RETRY) Auto-Retry Turn-On Delay (Internal)
l
50
100
150
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.
Note 3: An internal clamp limits the GATE pin to a maximum of 6.5V
above OUT. Driving this pin to voltages beyond the clamp may damage the
device.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the formula:
TJ = TA + (PD • 46°C/W)
ELECTRICAL CHARACTERISTICS The
l
denotes those specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com