Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6461GS Datasheet(PDF) 29 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 29 Page - NEC

Back Button UPD6461GS Datasheet HTML 25Page - NEC UPD6461GS Datasheet HTML 26Page - NEC UPD6461GS Datasheet HTML 27Page - NEC UPD6461GS Datasheet HTML 28Page - NEC UPD6461GS Datasheet HTML 29Page - NEC UPD6461GS Datasheet HTML 30Page - NEC UPD6461GS Datasheet HTML 31Page - NEC UPD6461GS Datasheet HTML 32Page - NEC UPD6461GS Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
29
µPD6461, 6462
•
Control bits for the horizontal display start position
These bits are used to specify the horizontal display start position (timing) as one of 32 steps in units of 12 dots
(12/fOSC (MHz)). Settable positions are based on the rising edge of the horizontal synchronizing signal input to the
Hsync pin. The 32 positions are calculated by adding 12 dots, one to 32 times, to the position equivalent to 16 clock
pulses (16/fOSC (MHz)) from the rising edge (fOSC (MHz): LC oscillation frequency or external input clock frequency).
•
Control bits for the vertical display start position
These bits are used to specify the vertical display start position as one of 32 steps in units of three lines (or 32
steps in units of nine lines when specified with a mask option). The minimum settable position is three lines from a
rising edge of the vertical synchronizing signal input to the Vsync pin.
A
B
Horizontal synchronizing signal (Hsync)
Display area of 12 rows x 24 columns
Vertical synchronizing signal (Vsync)
A : 3H
×(24V4+23V3+22V2+21V1+20V0)+1H
9H when units of nine lines are selected by specifying a mask option
12
4
B :
 ×(24H4+23H3+22H2+21H1+20H0+1) + 
fOSC(MHz)
fOSC(MHz)
fOSC : LC oscillation frequency or external input clock frequency
H : Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com