Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6461GS Datasheet(PDF) 20 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 20 Page - NEC

Back Button UPD6461GS Datasheet HTML 16Page - NEC UPD6461GS Datasheet HTML 17Page - NEC UPD6461GS Datasheet HTML 18Page - NEC UPD6461GS Datasheet HTML 19Page - NEC UPD6461GS Datasheet HTML 20Page - NEC UPD6461GS Datasheet HTML 21Page - NEC UPD6461GS Datasheet HTML 22Page - NEC UPD6461GS Datasheet HTML 23Page - NEC UPD6461GS Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
20
µPD6461, 6462
(LSB)
Function
D0
D1
D2
D3
D4
D5
D6
D7
Video RAM batch clear
00000000
Character display control
BL0
BL1
LC
DO
1000
Background/rim color control
BFC
B
G
R
0100
3-channel independent display on/off
DOC
DOB
DOA
01110
Character reverse on/off
BCRE
0011100
(2) For LSB first
1-byte commands
2-byte commands
Note
Not to be used
2-byte continuous command
Note
C7 bit is “don’t care” at the
µPD6462. However, this data sheet explains the µPD6462 with “0” in the C7 bit.
(LSB)
Function
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
Character display position control
V3
V4
0
0
0
0
0
1
H0
H1
H2
H3
H4
V0
V1
V2
Write address control
AR3
0
0
1
0
0
0
1
AC0 AC1 AC2 AC3 AR4 AR0 AR1 AR2
Output pin control
0
0
1
1
1
0
0
1
AR0 AR1 AR2 AR3
0
0
VC1
VC2
Character size control
0
0
0
1
1
0
0
1
AR0 AR1 AR2 AR3
0
0
S
0
3-channel independent background control
BA1
1
0
0
1
1
0
1
BFC BC0 BC1 BFB BB0 BB1 BFA BA0
Test modeNote
T8
0
0
0
1
1
0
1
T0
T1
T2
T3
T4
T5
T6
T7
(LSB)
Function
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
Displayed character control
VC2
BL
B
G
R
RV
1
1
C0
C1C2C3
C4C5C6
C7
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com