Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2284 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 9Page - STMicroelectronics AN2284 Datasheet HTML 10Page - STMicroelectronics AN2284 Datasheet HTML 11Page - STMicroelectronics AN2284 Datasheet HTML 12Page - STMicroelectronics AN2284 Datasheet HTML 13Page - STMicroelectronics AN2284 Datasheet HTML 14Page - STMicroelectronics AN2284 Datasheet HTML 15Page - STMicroelectronics AN2284 Datasheet HTML 16Page - STMicroelectronics AN2284 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AN2284
6 SC ISO7816: Protocol Overview
13/40
6
SC ISO7816: Protocol Overview
6.1
Introduction
"ISO7816: Identification Cards Integrated Circuit(s) Cards with Contacts" provides the basis to
transition the relatively simple identification card from a token that can be compromised through
forgery, theft, or loss into a tamper-resistant and "intelligent" integrated circuit card (ICC), more
popularly known as a smart card. ISO 7816 includes at least six approved parts and has
several additional parts under review:
●
Part 1, Physical characteristics
●
Part 2, Dimensions and location of the contacts
●
Part 3, Electronic signals and transmission protocols
●
Part 3, Amendment 2-Revision of protocol type selection
●
Part 4, Inter-industry commands for interchange
●
Part 5, Numbering system and registration procedure for application identifiers
6.2
ISO 7816-2 - Pins Location
ISO 7816-2 specifies an ICC with eight electrical contacts present in a standardized position on
the front face of the card. These are referred to as C1 through C8. Some of these contacts are
electrically connected to the microprocessor chip embedded within the card; some are not,
having been defined to allow for enhancements but unused at the present time. The picture
below depicts the contacts positions.
Figure 3.
Contact Definitions for Smart Cards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com